công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK416-130-E bảng dữ liệu(PDF) 5 Page - Sanyo Semicon Device

tên linh kiện STK416-130-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK416-130-E bảng dữ liệu(HTML) 5 Page - Sanyo Semicon Device

  STK416-130-E Datasheet HTML 1Page - Sanyo Semicon Device STK416-130-E Datasheet HTML 2Page - Sanyo Semicon Device STK416-130-E Datasheet HTML 3Page - Sanyo Semicon Device STK416-130-E Datasheet HTML 4Page - Sanyo Semicon Device STK416-130-E Datasheet HTML 5Page - Sanyo Semicon Device STK416-130-E Datasheet HTML 6Page - Sanyo Semicon Device STK416-130-E Datasheet HTML 7Page - Sanyo Semicon Device STK416-130-E Datasheet HTML 8Page - Sanyo Semicon Device STK416-130-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STK416-090-E
No. A1621-5/12
Recommended External Components
Parts Location
Recommended
Value
Circuit Purpose
Above Recommended
Value
Below Recommended
Value
R01, R02
1.5k
Ω
Current for supply switch circuit (comparator)
is determined.
VH holding frequency
range becomes large.
VH holding frequency
range becomes narrow.
R03, R04
100
Ω/1W
Resistance for ripple filter.
(Fuse resistance is recommended. Ripple filter is
constituted with C05, C06.)
-
Short-through current
may increase at high
frequency.
R05, R06, R07
56k
Ω
Input impedance is determined.
Output neutral voltage (VN) shift.
(It is referred that R05=R18, R06=R19, R07=R20)
R08, R09, R10
4.7
Ω/1W
Resistance for oscillation prevention.
-
-
R11, R12, R13
4.7
Ω
Noise absorption resistance.
-
-
R14, R15, R16
560
Ω
Voltage gain (VG) is determined with R18, R19, R20.
(As for VG, it is desirable to set up by R14, R15, R16.)
It may oscillate.
(VG
<40dB)
With especially no
problem
R18, R19, R20
56k
Ω
Voltage gain (VG) is determined with R14, R15, R16
-
-
R21, R22, R23
1k
Ω
Resistance for input filters.
-
-
R24, R26, R28
0.22
Ω
±10%, 5W
Output emitter resistor
(Metal-plate Resistor is recommended.)
Decrease of maximum
output power
It may cause thrmal
runaway
R30
Note*6
Select restriction resistance, for the impression voltage of ‘#17 (stand-by) pin’ must not exceed the maximum
rating.
C01, C02
100
μF/100V
Capacitor for oscillation prevention.
•Locate near the HIC as much as possible.
•Power supply impedance is lowered and stable
operation of the IC is carried out.
(Electrolytic capacitor is recommended.)
-
-
C03, C04
100
μF/50V
Capacitor for oscillation prevention.
•Locate near the HIC as much as possible.
•Power supply impedance is lowered and stable
operation of the IC is carried out.
(Electrolytic capacitor is recommended.)
-
-
C05, C06
100
μF/100V
Decoupling capacitor
•The ripple ingredient mixed in an input side is
removed from a power supply line.
(Ripple filter is constituted with R03, R04.)
The change in the ripple ingredient mixed in an input
side from a power supply line
C07, C08, C09
3pF
Capacitor for oscillation prevention.
It may oscillate.
C10, C11, C12
0.1
μF
Capacitor for oscillation prevention.
It may oscillate.
C13, C14, C15
22
μF/10V
Negative feedback capacitor.
•The cutoff frequency of a low cycle changes.
(fL=1/(2π•C13•R14))
The voltage gain (VG) of
low frequency is
extended. However, the
pop noise at the time of a
power supply injection
also becomes large.
The voltage gain (VG) of
low frequency decreases.
C16, C17, C18
2.2
μF/50V
Input coupling capacitor (for DC current prevention.)
-
-
C19, C20, C21
470pF
Input filter capacitor
•A high frequency noise is reduced with
the filter constituted by R21, R22, R23.
-
-
C22, C23, C24
100pF
Capacitor for oscillation prevention.
It may oscillate.
D01, D02
15V
Decide offset voltage for supply voltage ciecuit.
Decrease distortion at
supply voltage shift
Increase distortion at
supply voltage shift
D03, D04
3A/60V
Adverse current prevention diode
(FRD is recommended)
-
-
L01, L02, L03
3
μH
Coil for oscillation prevention.
With especially
no problem
It may oscillate.


Số phần tương tự - STK416-130-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK4160MK2 SANYO-STK4160MK2 Datasheet
235Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.4%
STK4160MK5 SANYO-STK4160MK5 Datasheet
230Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
STK4161 SANYO-STK4161 Datasheet
150Kb / 2P
   2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
logo
List of Unclassifed Man...
STK4161II ETC-STK4161II Datasheet
104Kb / 2P
   2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
More results

Mô tả tương tự - STK416-130-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com