công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK433-290-E bảng dữ liệu(PDF) 10 Page - Sanyo Semicon Device

tên linh kiện STK433-290-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-290-E bảng dữ liệu(HTML) 10 Page - Sanyo Semicon Device

Back Button STK433-290-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-290-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-290-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-290-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-290-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-290-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-290-E Datasheet HTML 11Page - Sanyo Semicon Device STK433-290-E Datasheet HTML 12Page - Sanyo Semicon Device STK433-290-E Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STK433-290-E
No. A1630-10/13
[STK433-300 series Stand-By Control Using Example]
Characteristic
• It can largely improve a pop noise to occur in power supply ON/OFF by using recommended Stand-By Control
Application.
• Because It can perform Stand-By Control by regulating limit resistance to the voltage such as used microcomputers, a
set design is easy.
(ex) STK433-300series test circuit. When impressed by Stand-by control control [+5V].
Operation Explanation
(1) Concerning pin 13 reference voltage VST
<1> Operation mode
The SW transistor of bias circuit is turned on at VST
≥2.5V, and the amplifier becomes operation mode.
ex) VST=2.5V
VST=(*2)
×IST+0.6V→2.5V=4.7kΩ×IST+0.6V, IST≈0.40mA
<2> Standby mode
The SW transistor of Pre-driver IC is turned off at VST
≤0.6V (typ0V), and the amplifier becomes Stand-By
Mode.
ex) VST=0.6V
VST=(*2)
×IST+0.6V→0.6V=4.7kΩ×IST+0.6V, IST≈0mA
(*3) It can improve a pop noise at power up time by giving a time constant of the condenser during operation.
(*4) Please decide a time constant to discharge the condenser during standby.
Sink current IST
Concerning pin 13 reference
voltage VST
Stand-by Control
H: Operation Mode (+5V)
L: Stand-by Mode (0V)
2.7k
Ω(*1)
33
μF
(*3)
33k
Ω
2k
Ω
(*4)
ΔVBE
1
2
3
4
7
6
5
8
9
10
11
12
STK433-300 series
13
14
Bias Circuit
in PreDriver IC
ΔVBE
15
4.7k
Ω(*2)
16
17
18
19
ex) Stand-By control voltage=+5V
VST=(5V-VBE
×2)×4.7kΩ/((*1)+4.7kΩ)+VBE
=(5V-0.6V
×2)×4.7kΩ/(4.7kΩ+2.7kΩ)+0.6V
≈3.0(V)
1k
Ω
+VCC
Ch2
OUT
Ch1
OUT
-VCC
+PRE
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
ST-
BY
Ch3
NF
Ch3
IN
Ch3
OUT
SUB GND
Ch2
OUT
Ch1
OUT
Ch3
OUT
-PRE


Số phần tương tự - STK433-290-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
More results

Mô tả tương tự - STK433-290-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com