công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS16GSSD25S-S bảng dữ liệu(PDF) 11 Page - Transcend Information. Inc.

tên linh kiện TS16GSSD25S-S
Giải thích chi tiết về linh kiện  2.5??Solid State Disk
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRANSCEND [Transcend Information. Inc.]
Trang chủ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GSSD25S-S bảng dữ liệu(HTML) 11 Page - Transcend Information. Inc.

Back Button TS16GSSD25S-S Datasheet HTML 7Page - Transcend Information. Inc. TS16GSSD25S-S Datasheet HTML 8Page - Transcend Information. Inc. TS16GSSD25S-S Datasheet HTML 9Page - Transcend Information. Inc. TS16GSSD25S-S Datasheet HTML 10Page - Transcend Information. Inc. TS16GSSD25S-S Datasheet HTML 11Page - Transcend Information. Inc. TS16GSSD25S-S Datasheet HTML 12Page - Transcend Information. Inc. TS16GSSD25S-S Datasheet HTML 13Page - Transcend Information. Inc. TS16GSSD25S-S Datasheet HTML 14Page - Transcend Information. Inc. TS16GSSD25S-S Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
T
T
TS
S
S8
8
8G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S
T
T
TS
S
S1
1
16
6
6G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S6
6
64
4
4G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S1
1
12
2
28
8
8G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---M
M
M
T
T
TS
S
S1
1
19
9
92
2
2G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---M
M
M
2.5” Solid State Disk
Transcend Information Inc.
V2.4
11
Description:
1. Host/device are powered and operating normally with some form of active communication.
2. Some condition in the host causes the host to issue COMRESET
3. Host releases COMRESET. Once the condition causing the COMRESET is released, the host releases the
COMRESET signal and puts the bus in a quiescent condition.
4. Device issues COMINIT – When the device detects the release of COMRESET, it responds with a COMINIT. This is
also the entry point if the device is late starting. The device may initiate communications at any time by issuing a COMINIT.
5. Host calibrates and issues a COMWAKE.
6. Device responds – The device detects the COMWAKE sequence on its RX pair and calibrates its transmitter (optional).
Following calibration the device sends a six burst COMWAKE sequence and then sends a continuous stream of the
ALIGN sequence starting at the device's highest supported speed. After ALIGNP Dwords have been sent
for 54.6us (2048 nominal Gen1 Dword times) without a response from the host as determined by detection of ALIGNP
primitives received from the host, the device assumes that the host cannot communicate at that speed. If additional
speeds are available the device tries the next lower supported speed by sending ALIGNP Dwords at that rate for
54.6 us (2048 nominal Gen1 Dword times.) This step is repeated for as many slower speeds as are supported. Once the
lowest speed has been reached without response from the host, the device enters an error state.
7. Host locks – after detecting the COMWAKE, the host starts transmitting D10.2 characters at its lowest supported rate.
Meanwhile, the host receiver locks to the ALIGN sequence and, when ready, returns the ALIGN sequence to the device at
the same speed as received. A host shall be designed such that it acquires lock in 54.6us (2048
nominal Gen1 Dword times) at any given speed. The host should allow for at least 873.8 us (32768 nominal Gen1 Dword
times) after detecting the release of COMWAKE to receive the first ALIGNP. This ensures interoperability with
multi-generational and synchronous designs. If no ALIGNP is received within 873.8 us (32768 nominal Gen1 Dword
times) the host restarts the power-on sequence – repeating indefinitely until told to stop by the Application layer.
8. Device locks – the device locks to the ALIGN sequence and, when ready, sends SYNCP indicating it is ready to start
normal operation.
9. Upon receipt of three back-to-back non-ALIGNP primitives, the communication link is established and normal operation
may begin.


Số phần tương tự - TS16GSSD25S-S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcend Information. ...
TS16GSSD10-M TRANSCEND-TS16GSSD10-M Datasheet
295Kb / 11P
   1.0??Solid State Disk
TS16GSSD34E-M TRANSCEND-TS16GSSD34E-M Datasheet
332Kb / 6P
   8GB~32GB ExpressCard34 SSD
More results

Mô tả tương tự - TS16GSSD25S-S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
logo
Transcend Information. ...
TS2GSSD10-M TRANSCEND-TS2GSSD10-M Datasheet
295Kb / 11P
   1.0??Solid State Disk
logo
Apacer Technology Inc.
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com