công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS2GUSD-P3 bảng dữ liệu(PDF) 1 Page - Transcend Information. Inc.

tên linh kiện TS2GUSD-P3
Giải thích chi tiết về linh kiện  2GB microSD Card Reader P3
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRANSCEND [Transcend Information. Inc.]
Trang chủ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GUSD-P3 bảng dữ liệu(HTML) 1 Page - Transcend Information. Inc.

  TS2GUSD-P3 Datasheet HTML 1Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 2Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 3Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 4Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 5Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 6Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 7Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 8Page - Transcend Information. Inc. TS2GUSD-P3 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
T
T
TS
S
S2
2
2G
G
GU
U
US
S
SD
D
D---P
P
P3
3
3
2GB microSD Card + Reader P3
Transcend Information Inc.
1
Description
Transcend microSD card series are non-volatile,
which means no external power is required to retain
the information stored on it. Besides, it is also a
solid-state device that without moving parts to skip or
break down. Based on original NAND flash chip,
Transcend
microSD
can
offer
an
incredible
combination of fast data transfer, great flexibility,
excellent security and incredibly small size.
Placement
Front
Back
Features
ROHS compliant product.
• Operating Voltage: 2.7 ~ 3.6V
• Operating Temperature: -25 ~ 85°C
• Durability: 10,000 insertion/removal cycles
• Fully compatible with SD card spec. v1.1
• Comply with SD Association File System Specification
• Mechanical Write Protection Switch with microSD adapter
• SD Host allows MultiMediaCard upward compatibility
• Form Factor: 11mm x 15mm x 1mm
Pin Definition
SD Mode
SPI Mode
Pin No.
Name
Type
Description
Name
Type
Description
1
DAT2
I/O/PP
Data Line [Bit2]
RSV
Reserved
2
CD/DAT3
I/O/PP
Card Detect / Data Line [Bit3]
CS
I
Chip Select
3
CMD
PP
Command / Response
DI
I
Data In
4
VDD
S
Supply voltage
VDD
S
Supply voltage
5
CLK
I
Clock
SCLK
I
Clock
6
VSS
S
Supply voltage ground
VSS
S
Supply voltage ground
7
DAT0
I/O/PP
Data Line [Bit0]
DO
O/PP
Data out
8
DAT1
I/O/PP
Data Line [Bit1]
RSV
Reserved
S: Power Supply; I:Input; O:Output; PP:Push-Pull
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8


Số phần tương tự - TS2GUSD-P3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcend Information. ...
TS2GUSD TRANSCEND-TS2GUSD Datasheet
537Kb / 24P
   microSD Memory Card
More results

Mô tả tương tự - TS2GUSD-P3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
   microSD USB Reader
8/3/2016
logo
Yamaichi Electronics Co...
PJS008T-0000-0 YAMAICHI-PJS008T-0000-0 Datasheet
300Kb / 1P
   microSD Card Reader - Hinge Type
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
   SD/MicroSD/MMC Card Reader/Writer
logo
Yamaichi Electronics Co...
PJS008-2100-0 YAMAICHI-PJS008-2100-0 Datasheet
118Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
PJS008-2300-0 YAMAICHI-PJS008-2300-0 Datasheet
119Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
PJS008U-3000-0 YAMAICHI-PJS008U-3000-0 Datasheet
109Kb / 1P
   microSD Card Reader - Manual Type (Vertical Mount)
logo
Transcend Information. ...
TS4GUSDHC6-P3 TRANSCEND-TS4GUSDHC6-P3 Datasheet
863Kb / 28P
   4/8GB microSDHC Class 6 Card Reader P3
logo
Kingston Technology Far...
MLPM KINGSTON-MLPM Datasheet
273Kb / 2P
   MOBILELITE PLUS microSD READER Next-Level Speed and Performance
logo
List of Unclassifed Man...
AP512MCSD ETC2-AP512MCSD Datasheet
94Kb / 12P
   microSD Card
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
   microSD Card Adapter (microSD-to-miniSD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com