công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS2GPF730B-J bảng dữ liệu(PDF) 1 Page - Transcend Information. Inc.

tên linh kiện TS2GPF730B-J
Giải thích chi tiết về linh kiện  Digital Photo Frames
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRANSCEND [Transcend Information. Inc.]
Trang chủ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF730B-J bảng dữ liệu(HTML) 1 Page - Transcend Information. Inc.

  TS2GPF730B-J Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF730B-J Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F7
7
73
3
30
0
0B
B
B///W
W
W///B
B
B---J
J
J///W
W
W---J
J
J
PF730
Transcend Information Inc.
1
Description
TS2GPF730B is Transcend PF730 Digital Photo
Frames with black color. The device is designed to
access and playback photos, videos and music from a
variety of sources: USB Flash drives, memory cards, or
it’s on-board flash memory.
System Requirements
System requirements for connecting photo frame to a
computer:
100~240V voltage power outlet for the DC adaptor.
Desktop or notebook computer with a working USB port.
One of the following Operating Systems:
Windows 2000
Windows XP
Windows Vista™
Mac OS 10.0 or later
Linux Kernel 2.4 or later
Features
Bright 7” (4:3) high-resolution color TFT LCD panel
Built-in speaker for music playback
View photos with background music from MP3s
Supports USB flash drives and SD/SDHC/MMC/MS
memory cards
2GB of internal memory – works even without a memory
card
Full motion video playback (Motion-JPEG only)
Automatic rotation sensor for easy Landscape or Portrait
setup
Fully compliant with High-Speed USB 2.0 and backwards
compatible with USB 1.1
Direct USB connection to your PC for easy file transfers
Select multiple photos for convenient one-step transfer to
internal memory
Slideshow, thumbnail, still picture, and zoom-in viewing
options
Attractive frame themes and animations to accent your
pictures
Important date/event reminders
Clock, alarm and calendar functions
Automatic Power-ON/OFF and Sleep timers
Custom alarm clock settings - wake up to your favorite
MP3 song
User-selectable Color Modes to enhance the look of your
photos
Placement
Dimensions
Side
Millimeters
Inches
Width
194.0
± 0.50
7.64
± 0.02
Height
160.0
± 0.50
6.29
± 0.02
Depth
29.0
± 0.50
1.14
± 0.02


Số phần tương tự - TS2GPF730B-J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcend Information. ...
TS2GPF720K TRANSCEND-TS2GPF720K Datasheet
427Kb / 5P
   T.photo??720
TS2GPF720K/W TRANSCEND-TS2GPF720K/W Datasheet
427Kb / 5P
   T.photo??720
TS2GPF720W TRANSCEND-TS2GPF720W Datasheet
427Kb / 5P
   T.photo??720
More results

Mô tả tương tự - TS2GPF730B-J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Synaptics Incorporated.
CX92745 CONEXANT-CX92745 Datasheet
522Kb / 2P
   Connected Digital Frames
logo
Transcend Information. ...
TS2GPF810K TRANSCEND-TS2GPF810K Datasheet
147Kb / 3P
   Digital Photo Frame
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
logo
New Japan Radio
NJL5801K NJRC-NJL5801K Datasheet
171Kb / 5P
   DIGITAL OUTPUT PHOTO REFLECTOR???
NJL5802K NJRC-NJL5802K Datasheet
180Kb / 5P
   DIGITAL OUTPUT PHOTO REFLECTOR
logo
COSMO Electronics Corp...
KP7010 COSMO-KP7010 Datasheet
231Kb / 2P
   High Reliability Digital Output IC Photo IC Photo Coupler
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
   Photo-IC Sensors Digital Output
logo
COSMO Electronics Corp...
KP7110 COSMO-KP7110 Datasheet
230Kb / 2P
   High Reliability Digital Output IC Photo IC Photo Coupler
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com