công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS16GDOM40V-S bảng dữ liệu(PDF) 11 Page - Transcend Information. Inc.

tên linh kiện TS16GDOM40V-S
Giải thích chi tiết về linh kiện  40-Pin IDE Flash Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRANSCEND [Transcend Information. Inc.]
Trang chủ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GDOM40V-S bảng dữ liệu(HTML) 11 Page - Transcend Information. Inc.

Back Button TS16GDOM40V-S Datasheet HTML 7Page - Transcend Information. Inc. TS16GDOM40V-S Datasheet HTML 8Page - Transcend Information. Inc. TS16GDOM40V-S Datasheet HTML 9Page - Transcend Information. Inc. TS16GDOM40V-S Datasheet HTML 10Page - Transcend Information. Inc. TS16GDOM40V-S Datasheet HTML 11Page - Transcend Information. Inc. TS16GDOM40V-S Datasheet HTML 12Page - Transcend Information. Inc. TS16GDOM40V-S Datasheet HTML 13Page - Transcend Information. Inc. TS16GDOM40V-S Datasheet HTML 14Page - Transcend Information. Inc. TS16GDOM40V-S Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GD
D
DO
O
OM
M
M4
4
40
0
0V
V
V---S
S
S
Transcend Information Inc.
Ver 1.2
11
same agent (either host or device) that drives the data onto the bus. Ownership of D[15:00] and this data
strobe signal are given either to the device during an Ultra DMA data-in burst or to the host for an Ultra
DMA data-out burst.
During an Ultra DMA data burst a sender shall always drive data onto the bus, and, after a sufficient
time to allow for propagation delay, cable settling, and setup time, the sender shall generate a STROBE
edge to latch the data. Both edges of STROBE are used for data transfers so that the frequency of
STROBE is limited to the same frequency as the data.
Words in the IDENTIFY DEVICE data indicate support of the Ultra DMA feature and the Ultra DMA
modes the device is capable of supporting. The Set transfer mode subcommand in the SET FEATURES
command shall be used by a host to select the Ultra DMA mode at which the system operates. The Ultra
DMA mode selected by a host shall be less than or equal to the fastest mode of which the device is
capable. Only one Ultra DMA mode shall be selected at any given time. All timing requirements for a
selected Ultra DMA mode shall be satisfied. Devices supporting any Ultra DMA mode shall also support
all slower Ultra DMA modes.
An Ultra DMA capable device shall retain the previously selected Ultra DMA mode after executing a
software reset sequence or the sequence caused by receipt of a DEVICE RESET command if a SET
FEATURES disable reverting to defaults command has been issued. The device may revert to a
Multiword DMA mode if a SET FEATURES enable reverting to default has been issued. An Ultra DMA
capable device shall clear any previously selected Ultra DMA mode and revert to the default non-Ultra
DMA modes after executing a power-on or hardware reset.
Both the host and device perform a CRC function during an Ultra DMA data burst. At the end of an
Ultra DMA data burst the host sends its CRC data to the device. The device compares its CRC data to
the data sent from the host. If the two values do not match, the device reports an error in the error register.
If an error occurs during one or more Ultra DMA data bursts for any one command, the device shall report
the first error that occurred. If the device detects that a CRC error has occurred before data transfer for
the command is complete, the device may complete the transfer and report the error or abort the
command and report the error.
NOTE
− If a data transfer is terminated before completion, the assertion of INTRQ should be passed
through to the host software driver regardless of whether all data requested by the command has been
transferred.


Số phần tương tự - TS16GDOM40V-S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcend Information. ...
TS16GCF100I TRANSCEND-TS16GCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS16GCF100I TRANSCEND-TS16GCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS16GCF100I-P TRANSCEND-TS16GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS16GCF133 TRANSCEND-TS16GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS16GCF200I TRANSCEND-TS16GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
More results

Mô tả tương tự - TS16GDOM40V-S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcend Information. ...
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
TS64MDOM40V TRANSCEND-TS64MDOM40V Datasheet
160Kb / 8P
   40-Piin IDE Fllassh Module
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
   SATA to IDE (44-pin) Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com