công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS32GCF400 bảng dữ liệu(PDF) 1 Page - Transcend Information. Inc.

tên linh kiện TS32GCF400
Giải thích chi tiết về linh kiện  400X CompactFlash Card
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRANSCEND [Transcend Information. Inc.]
Trang chủ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GCF400 bảng dữ liệu(HTML) 1 Page - Transcend Information. Inc.

  TS32GCF400 Datasheet HTML 1Page - Transcend Information. Inc. TS32GCF400 Datasheet HTML 2Page - Transcend Information. Inc. TS32GCF400 Datasheet HTML 3Page - Transcend Information. Inc. TS32GCF400 Datasheet HTML 4Page - Transcend Information. Inc. TS32GCF400 Datasheet HTML 5Page - Transcend Information. Inc. TS32GCF400 Datasheet HTML 6Page - Transcend Information. Inc. TS32GCF400 Datasheet HTML 7Page - Transcend Information. Inc. TS32GCF400 Datasheet HTML 8Page - Transcend Information. Inc. TS32GCF400 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
T
T
TS
S
S1
1
16
6
6G
G
G~
~
~6
6
64
4
4G
G
GC
C
CF
F
F4
4
40
0
00
0
0
400X CompactFlash Card
Transcend Information Inc.
V1.0
1
Description
Dedicated to fulfill the demanding requirements of
performance-conscious
photographers,
Transcend
proudly releases its Extreme 400X CompactFlash
cards. With its amazing performance, the Transcend
400X
CompactFlash
memory
card
allows
the
professional photographers and enthusiasts to get the
most from your digital single lens reflex (DSLR)
camera. Users are guaranteed to make consecutive
shooting and non-stop video recording and share their
digital artwork with the world!
Placement
Dimensions
Features
• CompactFlash Specification Version 4.1 Compliant
• RoHS compliant products
• Single Power Supply: 3.3V±5% or 5V±10%
• Operating Temperature: -25
oC to 85oC
• Storage Temperature: -40
oC to 85oC
• Operating/ Storage Humidity: 5% to 95%
• Operation Modes:
PC Card Memory Mode
PC Card IO Mode
True IDE Mode
• True IDE Mode supports:
Ultra DMA Mode 0 to Ultra DMA Mode 6 (Ultra DMA
mode 5/6 must supply with 3.3V)
MultiWord DMA Mode 0 to MultiWord DMA Mode 4
PIO Mode 0 to PIO Mode 6
• PC Card Mode supports up to Ultra DMA Mode 6
• True IDE mode: Fixed Disk (Default)
• PC Card Mode: Removable Disk (Default)
• Durability of Connector: 10,000 times
• Built-in 15 bit ECC (Error Correction Code) functionality
• Support Global Wear-Leveling to extend product life
• Transfer rate up to read 90MB/s write 60MB/s based on
TestMetrix.


Số phần tương tự - TS32GCF400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcend Information. ...
TS32GCF133 TRANSCEND-TS32GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS32GCF200I TRANSCEND-TS32GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
TS32GCF600 TRANSCEND-TS32GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
More results

Mô tả tương tự - TS32GCF400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com