công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73223-C2MF bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện MCP73223-C2MF
Giải thích chi tiết về linh kiện  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223-C2MF bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button MCP73223-C2MF Datasheet HTML 6Page - Microchip Technology MCP73223-C2MF Datasheet HTML 7Page - Microchip Technology MCP73223-C2MF Datasheet HTML 8Page - Microchip Technology MCP73223-C2MF Datasheet HTML 9Page - Microchip Technology MCP73223-C2MF Datasheet HTML 10Page - Microchip Technology MCP73223-C2MF Datasheet HTML 11Page - Microchip Technology MCP73223-C2MF Datasheet HTML 12Page - Microchip Technology MCP73223-C2MF Datasheet HTML 13Page - Microchip Technology MCP73223-C2MF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP73123/223
DS22191B-page 10
© 2010 Microchip Technology Inc.
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, V
DD = [VREG(Typical) + 1V], IOUT = 10 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-7:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-8:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-9:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-10:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-11:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
FIGURE 2-12:
Output Leakage Current
(IDISCHARGE) vs. Ambient Temperature (TA).
750
770
790
810
830
850
870
890
910
930
950
4.5
4.8
5.1
5.4
5.7
6.0
Supply Voltage (V)
RPROG = 1.33 kΩ
TA = +25°C
475
495
515
535
555
575
595
615
635
655
675
4.5
4.8
5.1
5.4
5.7
6.0
Supply Voltage (V)
RPROG = 2 kΩ
TA = +25°C
150
170
190
210
230
250
270
290
310
330
350
4.5
4.8
5.1
5.4
5.7
6.0
Supply Voltage (V)
RPROG = 5 kΩ
TA = +25°C
90
96
102
108
114
120
126
132
138
144
150
4.5
4.8
5.1
5.4
5.7
6.0
Supply Voltage (V)
RPROG = 10 kΩ
TA = +25°C
750
770
790
810
830
850
870
890
910
930
950
-5
5
152535
4555
Ambient Temperature (°C)
RPROG = 1.33 kΩ
VDD = 5.2V
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
-5.0
5.0
15.0
25.0
35.0
45.0
55.0
Ambient Temperature (°C)
VDD < VBAT
VDD < VSTOP
End of Charge


Số phần tương tự - MCP73223-C2MF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73223-C2A/MF MICROCHIP-MCP73223-C2A/MF Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73223-C2S/MF MICROCHIP-MCP73223-C2S/MF Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73223-C2SI/MF MICROCHIP-MCP73223-C2SI/MF Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
More results

Mô tả tương tự - MCP73223-C2MF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73123 MICROCHIP-MCP73123_11 Datasheet
568Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2011
MCP73123 MICROCHIP-MCP73123_13 Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73123 MICROCHIP-MCP73123 Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
logo
Power Sonic Corporation
PAL7ZSHY POWER-SONIC-PAL7ZSHY Datasheet
665Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL7AHY POWER-SONIC-PAL7AHY Datasheet
606Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14-AHY POWER-SONIC-PAL14-AHY Datasheet
575Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14HY POWER-SONIC-PAL14HY Datasheet
637Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL12HY POWER-SONIC-PAL12HY Datasheet
617Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL5LHY POWER-SONIC-PAL5LHY Datasheet
877Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL30LHY-H POWER-SONIC-PAL30LHY-H Datasheet
594Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com