công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73223-C2MF bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP73223-C2MF
Giải thích chi tiết về linh kiện  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223-C2MF bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP73223-C2MF Datasheet HTML 1Page - Microchip Technology MCP73223-C2MF Datasheet HTML 2Page - Microchip Technology MCP73223-C2MF Datasheet HTML 3Page - Microchip Technology MCP73223-C2MF Datasheet HTML 4Page - Microchip Technology MCP73223-C2MF Datasheet HTML 5Page - Microchip Technology MCP73223-C2MF Datasheet HTML 6Page - Microchip Technology MCP73223-C2MF Datasheet HTML 7Page - Microchip Technology MCP73223-C2MF Datasheet HTML 8Page - Microchip Technology MCP73223-C2MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2010 Microchip Technology Inc.
DS22191B-page 1
MCP73123/223
Features
• Complete Linear Charge Management Controller:
- Integrated Input Overvoltage Protection
- Integrated Pass Transistor
- Integrated Current Sense
- Integrated Reverse Discharge Protection
• Constant Current / Constant Voltage Operation
with Thermal Regulation
• 4.15V Undervoltage Lockout (UVLO)
• 18V Absolute Maximum Input with OVP:
- 6.5V - MCP73123
- 13V - MCP73223
• High Accuracy Preset Voltage Regulation
Through Full Temperature Range (-5°C to +55°C):
-+0.5% - MCP73123
-+0.6% - MCP73223
• Battery Charge Voltage Options:
- 3.6V - MCP73123
- 7.2V - MCP73223
• Resistor Programmable Fast Charge Current:
- 130 mA - 1100 mA
• Preconditioning of Deeply Depleted Cells:
- Available Options: 10% or Disable
• Integrated Precondition Timer:
- 32 Minutes or Disable
• Automatic End-of-Charge Control:
- Selectable Minimum Current Ratio:
5%, 7.5%, 10% or 20%
- Elapse Safety Timer: 4 HR, 6 HR, 8 HR or
Disable
• Automatic Recharge:
- Available Options: 95% or Disable
• Factory Preset Charge Status Output:
- On/Off or Flashing
• Soft Start
• Temperature Range: -40°C to +85°C
• Packaging: DFN-10 (3 mm x 3 mm)
Applications
• Low-Cost LiFePO4 Battery Chargers
• Power Tools
•Toys
• Backup Energy Storages
Description
The MCP73123/223 is a highly integrated Lithium Iron
Phosphate(LiFePO4) battery charge management
controller for use in space-limited and cost-sensitive
applications. The MCP73123/223 provides specific
charge algorithms for LiFePO4 batteries to achieve
optimal capacity and safety in the shortest charging
time possible. Along with its small physical size, the low
number
of
external
components
makes
the
MCP73123/223
ideally
suitable
for
various
applications. The absolute maximum voltage, up to
18V, allows the use of MCP73123/223 in harsh
environments, such as low cost wall wart or voltage
spikes from plug/unplug.
The MCP73123/223 employs a constant current /
constant voltage charge algorithm. The 3.6V per cell
factory preset reference voltage simplifies design with
2V
preconditioning
threshold.
The
fast
charge,
constant current value is set with one external resistor
from 130 mA to 1100 mA. The MCP73123/223 also
limits the charge current based on die temperature
during high power or high ambient conditions. This
thermal regulation optimizes the charge cycle time
while maintaining device reliability.
The PROG pin of the MCP73123/223 also serves as
enable pin. When high impedance is applied, the
MCP73123/223 will be in standby mode.
The MCP73123/223 is fully specified over the ambient
temperature range of -40°C to +85°C. The MCP73123/
223 is available in a 10 lead, DFN package.
Package Types (Top View)
MCP73123/223
3x3 DFN *
VBAT
VDD
VBAT
VSS
VSS
1
2
3
4
10
9
8
7 STAT
PROG
VDD
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
11
NC 5
6 NC
Lithium Iron Phosphate (LiFePO4) Battery Charge
Management Controller with Input Overvoltage Protection


Số phần tương tự - MCP73223-C2MF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73223-C2A/MF MICROCHIP-MCP73223-C2A/MF Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73223-C2S/MF MICROCHIP-MCP73223-C2S/MF Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73223-C2SI/MF MICROCHIP-MCP73223-C2SI/MF Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
More results

Mô tả tương tự - MCP73223-C2MF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73123 MICROCHIP-MCP73123_11 Datasheet
568Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2011
MCP73123 MICROCHIP-MCP73123_13 Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73123 MICROCHIP-MCP73123 Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
logo
Power Sonic Corporation
PAL7ZSHY POWER-SONIC-PAL7ZSHY Datasheet
665Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL7AHY POWER-SONIC-PAL7AHY Datasheet
606Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14-AHY POWER-SONIC-PAL14-AHY Datasheet
575Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14HY POWER-SONIC-PAL14HY Datasheet
637Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL12HY POWER-SONIC-PAL12HY Datasheet
617Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL5LHY POWER-SONIC-PAL5LHY Datasheet
877Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL30LHY-H POWER-SONIC-PAL30LHY-H Datasheet
594Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com