công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA0603C0G104B6R3NRE bảng dữ liệu(PDF) 9 Page - SAMWHA ELECTRIC

tên linh kiện SA0603C0G104B6R3NRE
Giải thích chi tiết về linh kiện  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMWHA [SAMWHA ELECTRIC]
Trang chủ  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SA0603C0G104B6R3NRE bảng dữ liệu(HTML) 9 Page - SAMWHA ELECTRIC

Back Button SA0603C0G104B6R3NRE Datasheet HTML 5Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 6Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 7Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 8Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 9Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 10Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 11Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 12Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 13Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Multi Layer Ceramic Capacitors
21
SMD Type
SAMWHA CAPACITOR Co., Ltd.
20
SAMWHA CAPACITOR CO., LTD offers a line of MLCC(Multilayer Ceramic Capacitor).
These parts are rated at 3kV dc and safety approved and certified to UL
(Underwriters Laboratories Inc.
)
Reliability and Test Conditions(General Type)
No.
Item
Characteristic
Temperature
Compensating Type
High Dielectric Constant Type
Test Methods
and Conditions
1
Operating
X7R : -55 to +125℃ X5R : -55 to +85℃
Temperature Range
C0G : -55 to +125℃
Y5V : -30 to +85℃
2
Insulation Resistance
More than 10,000
MΩ or 500ΩF(Whichever is smaller)
3
Dielectric Strength
No defects or abnormalities
4
Capacitance
Within the specified tolerance
5
Dissipation Factor
30㎊ Min. :
Q≥1,000 (DF≤0.1%)
30㎊ Max. :
Q≥400+20C
(DF≤1/(400+20C))
6
Solderability of
Termination should be covered with more than
- Pb-Free Type
Termination
75% of new solder
Solder : 96.5Sn-3Ag-0.5Cu
Solder Temperature : 260±5℃
Immersion Time : 3±0.1sec
- Pre-Heating
at 80~120℃ for 10~30sec
7
Appearance
No marked defect
Capacitchange Within ±2.5% or ±0.25㎊ X7R, X5R : ≤±7.5%
(whichever is larger)
Y5V
: ≤±20%
Dissipation
Factor
(or Q)
I.R.
More than 10,000
MΩ or 500Ω.F (Whichever is smaller)
Char. 50V Min. 25V
16V
10V
6.3V
X7R ≤2.5%/ ≤3%/ ≤3.5%/ ≤5%/ ≤5%/
X5R
≤5%
≤7%
≤7%
≤10% ≤10%
Y5V
≤5%/
≤7%/
≤9% ≤12.5%/
≤15%
≤9%
≤9% ≤12.5%
≤15%
Char. 50V Min. 25V
16V
10V
6.3V
X7R ≤2.5%/ ≤3%/ ≤3.5%/ ≤5%/
≤5%/
X5R
≤5%
≤7%
≤7%
≤10%
≤10%
Y5V
≤5%/
≤7%/
≤9%
≤12.5%/
≤15%
≤9%
≤9%
≤12.5%
≤15%
Cap.
Testing
Testing
Frequency
Voltage
C0G
1±0.1M㎐
0.5 to 5Vrms
(C≤1000pF)
C0G
1±0.1k㎐
1±0.2Vrms
(C >1000pF)
X7R, X5R, Y5V
(C≤10㎌
1±0.1k㎐
1±0.2Vrms
6.3V Min.)
X7R, X5R, Y5V
(C >10㎌)
120±24㎐
0.5±0.1Vrms
Resistance
to
Soldering
Heat
30㎊ Min. :
Q≥1,000 (DF≤0.1%)
30㎊ Max. :
Q≥400+20C
(DF≤1/(400+20C))
- Preheat the capacitor at 120 to 150℃
for 1 minute. (Preheating for 3225,
4520, 4532 Step1 : 100℃ to 120℃, 1min
Step2 : 170℃ to 200℃, 1min) Immerse the
capacitor in a eutectic solder solution
- Soldering Temp. : 260±5℃
- Immersion Time : 10±0.5sec
- Initial measurement
Perform a heat treatment at 150+0, -10℃
for one hour and then let sit for 48±4
hours at room temperature.
Perform the intial measurement.
- Measurement after test
Take it out and set it for 24±2 hours
(temperature compensating type)
or 48±4 hours (high dielectric constant
type)then measure
- Applied the rated voltage for 2
minutes of charging.
- The charge/discharge current is
less than 50mA.
- C0G : The rated voltage×300%
- X7R, X5R, Y5V : 〃×250%
- Applied between the terminations
for 1 to 5 seconds.
- The charge/discharge current is
less than 50mA.
You can check the specification at
the appendix for each product
with mark
The capacitance/Q/D.F. should be
measured at 25℃ at the frequency
and voltage shown in the table.


Số phần tương tự - SA0603C0G104B6R3NRE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SA06 ETC-SA06 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12S ETC-SA06-24-12S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-15S ETC-SA06-24-15S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-24S ETC-SA06-24-24S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
More results

Mô tả tương tự - SA0603C0G104B6R3NRE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com