công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4001 bảng dữ liệu(PDF) 1 Page - Transys Electronics

tên linh kiện 1N4001
Giải thích chi tiết về linh kiện  PLASTIC SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRSYS [Transys Electronics]
Trang chủ  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

1N4001 bảng dữ liệu(HTML) 1 Page - Transys Electronics

  1N4001 Datasheet HTML 1Page - Transys Electronics 1N4001 Datasheet HTML 2Page - Transys Electronics 1N4001 Datasheet HTML 3Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4001 THRU 1N4007
PLASTIC SILICON RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES
l
Low forward voltage drop
l
High current capability
l
High reliability
l
High surge current capability
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: Molded plastic , DO-41
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
75
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375"(9.5mm) Lead Length at
TA=75
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
30
A
Maximum Forward Voltage at 1.0A DC and
25
1.1
V
Maximum Full Load Reverse Current Full
Cycle Average at 75 Ambient
30
A
Maximum Reverse Current at TA=25
At Rated DC Blocking Voltage TA=100
5.0
500
A
A
Typical Junction capacitance (Note 1)
15
PF
Typical Thermal Resistance (Note 2) R JA
50
/W
Typical Thermal resistance (NOTE 2) R JL
25
/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
DO-41


Số phần tương tự - 1N4001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
First Components Intern...
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results

Mô tả tương tự - 1N4001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com