công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS6121ALF bảng dữ liệu(PDF) 1 Page - Bothhand USA, LP. |
|
TS6121ALF bảng dữ liệu(HTML) 1 Page - Bothhand USA, LP. |
|
1 / 1 page P/N: TS6121A LF DATA SHEET Feature Designed to meet IEEE 802.3u requirement, including 350uH OCL with 8mA bias. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6 +, No PBB and PBDE and No Pb on external pins. Comply with Air reflow profile of JEDEC 020-C. Operating temperature range:0℃ to +70℃. Storage temperature range:-25℃ to +125℃. Electrical Specifications @ 25°C Turns Ratio DCR (Ω Max) Part Number 1-3:16-14 6-8:11-9 OCL (uH Min) @ 100KHz/0.1V with 8mA DC Bias CW/W (pF Max) L.L (uH Max) 1-3/6-8 16-14/11-9 HI-POT (Vrms) TS6121A LF 1CT:1CT 1CT:1CT 350 28 0.5 1.1 0.9 1500 Continue Insertion Loss (dB Max) Return Loss (dB Min) Cross talk (dB Min) DCMR (dB Min) Part Number 0.3-100 MHz 0.3-30MHz 40MHz 50MHz 60-80MHz 0.3-60MHz 60-100MHz 30MHz 60MHz 100MHz TS6121A LF -1.1 -18 -15.5 -13 -12 -45 -35 -40 -35 -30 Schematic Mechanical Bothhandusa.com 10/100 BASE PULSE TRANSFORMER 462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 |
Số phần tương tự - TS6121ALF |
|
Mô tả tương tự - TS6121ALF |