công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

90-30 bảng dữ liệu(PDF) 1 Page - Coilcraft lnc.

tên linh kiện 90-30
Giải thích chi tiết về linh kiện  Axial Lead Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COILCRAFT [Coilcraft lnc.]
Trang chủ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

90-30 bảng dữ liệu(HTML) 1 Page - Coilcraft lnc.

  90-30 Datasheet HTML 1Page - Coilcraft lnc. 90-30 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Axial Lead Chokes – 90 Series
Document 115-1
Document 115-1
Revised 12/31/06
Coilcraft’s axial lead chokes are totally encapsulated in a
durable epoxy coating. Their low cost compared to molded
type chokes makes them particularly attractive to high
volume users. Coilcraft chokes are available in the stan-
dard values listed here as well as in custom values to meet
your specific requirements.
125
100
75
50
25
0
0.2
1
10
100
Frequency (MHz)
0.118
2,997
0.300
7,62
2.52 ±0.080
64 ±2,03
max dia
max
24 AWG tinned copper
1000 µH
150 µH
68 µH
22 µH
10 µH
3.3 µH
2.2 µH
0.10 µH
0.22 µH
0.47 µH
1.0 µH
Significant digit / Decimal point
Significant digit / Multiplier
Significant digit / Decimal point
Tolerance
Features
No molding stress to break wire
10% inductance tolerance standard, 5%
available
Temperature coefficient compatible with
N030-N080 capacitors through part
number 90-30
Standard EIA color coding
Significant savings for high volume users
Available bulk packed in conventional tape
and reel or “ammo packs.” Custom lead
forming also available
Offered in 49 standard values or in custom
values
Typical Q vs Frequency
Black
= 0
Brown = 1
Red
= 2
Orange = 3
Yellow = 4
Green = 5
Blue
= 6
Violet = 7
Gray = 8
White = 9
Gold = Decimal point
Tolerance: Silver = 10%
Gold = 5%
Notes:
A gold stripe in the 1st or 2nd
location represents a decimal point.
When a decimal point is used, there
is no multiplier.
The inductance value indicated is in
microHenries.
Color Coding – Inductance in μH
Weight:
171 – 201 mg
This series was discontinued on
December31,2006.AnRoHS-compliant
version will not be made.


Số phần tương tự - 90-30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Technical Mate...
90-331A-XX-X-X ATM-90-331A-XX-X-X Datasheet
47Kb / 1P
   OUTLINE, WR90 COUPLER, BROADWALL, SHORT LENGTH, HIGH-DIRECTIVITY
90-331DA-XXF-XXR-X-X ATM-90-331DA-XXF-XXR-X-X Datasheet
79Kb / 1P
   OUTLINE, WR90 SHORT LENGTH HIGH-DIRECTIVITY COUPLER
logo
List of Unclassifed Man...
90-340 ETC2-90-340 Datasheet
274Kb / 2P
   2 POLE SWITCHING RELAYS
90-360 ETC2-90-360 Datasheet
228Kb / 2P
   HEAVY-DUTY ENCLOSED FAN RELAYS
90-362 ETC2-90-362 Datasheet
228Kb / 2P
   HEAVY-DUTY ENCLOSED FAN RELAYS
More results

Mô tả tương tự - 90-30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
PCH-45-124L COILCRAFT-PCH-45-124L Datasheet
258Kb / 3P
   Axial Lead Power Chokes - PCH-27, 45
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
   Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
AVC40I ALLIED-AVC40I Datasheet
849Kb / 1P
   Axial Varnished Chokes
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com