công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS1608X7R104C6R3NBB bảng dữ liệu(PDF) 2 Page - SAMWHA ELECTRIC

tên linh kiện CS1608X7R104C6R3NBB
Giải thích chi tiết về linh kiện  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMWHA [SAMWHA ELECTRIC]
Trang chủ  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CS1608X7R104C6R3NBB bảng dữ liệu(HTML) 2 Page - SAMWHA ELECTRIC

  CS1608X7R104C6R3NBB Datasheet HTML 1Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 2Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 3Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 4Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 5Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 6Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 7Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 8Page - SAMWHA ELECTRIC CS1608X7R104C6R3NBB Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Multi Layer Ceramic Capacitors
7
SAMWHA CAPACITOR Co., Ltd.
6
Capacitance Tolerance Code
Code
Tolerance
Code
Tolerance
B
±0.1pF
M
±20%
C
±0.25pF
P
+100, -0%
D
±0.5pF
Z
+80, -20%
F
±1.0%
H
+0.25/-0pF
G
±2.0%
I
+0/-0.25pF
J
±5%
U
+5/-0%
K
±10%
V
+0/-5%
Voltage Code
Code
6R3
100
160
250
500
101
201
251
631
302
Vol.
DC 6.3V
DC 10V
DC 16V
DC 25V
DC 50V
DC 100V
DC 200V
DC 250V
DC 630V
DC 3000V
Capacitance Code(Pico Farads)
The nominal capacitance value in pF is expressed by three digit numbers.
The first two digits represents significant figures and the last digit denotes the number of zero
Ex.) 104 = 100000pF
R denotes decimal
8R2 = 8.2pF
Termination Code
Ex.) N : Ni-Sn (Nickel-Tin Plate)
Packing Code
Ex.) R : Reel Type
B : Bulk Type
Thickness Option
Typical Performance Characteristics
COG
Application
Suited for precision circuits, requiring stable dielectric characteristics, negligible dependence of capacitance and
dissipation factor on time, voltage and frequency.
Dielectric Characteristics
Temperature Characteristic
0±30ppm/℃
Operating Temperature
-55~125℃
Capacitance Tolerance
10pF : ±5%, ±10%, (±1%, ±2%, ±20%)
≤10pF : ±0.1pF, ±0.25pF, ±0.5pF
Dissipation Factor & Q
≥30pF : DF≤0.1%, Q≥1000
30pF :
Q≥400+20×C
Insulation Resistance
More than 10,000MΩor 500ΩF
(Whichever is smaller)
Dielectric Strength
3×RVDC
Test Voltage
0.5 to 5Vrms(≤1000pF), 1±0.2Vrms(>1000pF)
Test Frequency
1±0.1M㎐(≤1000pF), 1±0.1k㎐(>1000pF)
Application
Stable class Ⅱdielectric properties, suited for by-pass and coupling purposes, filtering, frequency discrimination, DC
blockage, and as voltage transient suppression elements.
Dielectric Characteristics
Temperature Characteristic
±15%
Operating Temperature
-55~125℃
Capacitance Tolerance
±10%, ±20%, (±5%, +80~-20%)
Dissipation Factor & Q
50V Min. : 2.5% Max. 25V Min. : 3.0% Max.
16V Min. : 3.5% Max. 10V Min. : 5.0% Max.
6.3V Min. : 5.0% Max.(<3.3㎌), 10% Max.(≥3.3㎌)
Thin layer lange capacitors type 10% Max.
Insulation Resistance
More than 10,000MΩor 500ΩF(Whichever is smaller)
Thin layer lange capacitors type 50ΩF Min.
Dielectric Strength
>2.5×RVDC
Test Voltage
1±0.2Vrms(≤10㎌, 10V Min.)
0.5±0.1Vrms(≤10㎌, 6.3V Max.)
0.5±0.1Vrms(>10㎌)
Test Frequency
1±0.1k㎐(≤10㎌, 10V Min.)
1±0.1k㎐(≤10㎌, 6.3V Max.)
120±24㎐(>10㎌)
X7R
SMD Type
Code
Thickness(mm)
Dimensions
Code
Thickness(mm)
Dimensions
L
Tol(±)
W
Tol(±)
Blank
0.30
0.03
E
1.30
0.20
Blank
0.50
0.05
H
1.35
0.20
A
0.60
0.10
I
1.60
0.20
B
0.80
0.10
J
1.80
0.20
B
0.85
0.15
K
2.00
0.25
E
1.00
0.15
L
2.50
0.25
E
1.10
0.15
M
2.80
0.30
E
1.15
0.15
N
3.20
0.30
E
1.25
0.15
O
5.00
0.40
(Unit : mm)


Số phần tương tự - CS1608X7R104C6R3NBB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CS1608 ETC-CS1608 Datasheet
3Mb / 7P
   Typical Performance Characteristics
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808-1R0K BOURNS-CS160808-1R0K Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808-1R0K BOURNS-CS160808-1R0K Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
More results

Mô tả tương tự - CS1608X7R104C6R3NBB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com