công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS1608C0G104D100NBA bảng dữ liệu(PDF) 9 Page - SAMWHA ELECTRIC |
|
CS1608C0G104D100NBA bảng dữ liệu(HTML) 9 Page - SAMWHA ELECTRIC |
9 / 14 page Multi Layer Ceramic Capacitors 21 SMD Type SAMWHA CAPACITOR Co., Ltd. 20 SAMWHA CAPACITOR CO., LTD offers a line of MLCC(Multilayer Ceramic Capacitor). These parts are rated at 3kV dc and safety approved and certified to UL (Underwriters Laboratories Inc. ) Reliability and Test Conditions(General Type) No. Item Characteristic Temperature Compensating Type High Dielectric Constant Type Test Methods and Conditions 1 Operating X7R : -55 to +125℃ X5R : -55 to +85℃ Temperature Range C0G : -55 to +125℃ Y5V : -30 to +85℃ 2 Insulation Resistance More than 10,000 MΩ or 500ΩF(Whichever is smaller) 3 Dielectric Strength No defects or abnormalities 4 Capacitance Within the specified tolerance 5 Dissipation Factor 30㎊ Min. : Q≥1,000 (DF≤0.1%) 30㎊ Max. : Q≥400+20C (DF≤1/(400+20C)) 6 Solderability of Termination should be covered with more than - Pb-Free Type Termination 75% of new solder Solder : 96.5Sn-3Ag-0.5Cu Solder Temperature : 260±5℃ Immersion Time : 3±0.1sec - Pre-Heating at 80~120℃ for 10~30sec 7 Appearance No marked defect Capacitchange Within ±2.5% or ±0.25㎊ X7R, X5R : ≤±7.5% (whichever is larger) Y5V : ≤±20% Dissipation Factor (or Q) I.R. More than 10,000 MΩ or 500Ω.F (Whichever is smaller) Char. 50V Min. 25V 16V 10V 6.3V X7R ≤2.5%/ ≤3%/ ≤3.5%/ ≤5%/ ≤5%/ X5R ≤5% ≤7% ≤7% ≤10% ≤10% Y5V ≤5%/ ≤7%/ ≤9% ≤12.5%/ ≤15% ≤9% ≤9% ≤12.5% ≤15% Char. 50V Min. 25V 16V 10V 6.3V X7R ≤2.5%/ ≤3%/ ≤3.5%/ ≤5%/ ≤5%/ X5R ≤5% ≤7% ≤7% ≤10% ≤10% Y5V ≤5%/ ≤7%/ ≤9% ≤12.5%/ ≤15% ≤9% ≤9% ≤12.5% ≤15% Cap. Testing Testing Frequency Voltage C0G 1±0.1M㎐ 0.5 to 5Vrms (C≤1000pF) C0G 1±0.1k㎐ 1±0.2Vrms (C >1000pF) X7R, X5R, Y5V (C≤10㎌ 1±0.1k㎐ 1±0.2Vrms 6.3V Min.) X7R, X5R, Y5V (C >10㎌) 120±24㎐ 0.5±0.1Vrms Resistance to Soldering Heat 30㎊ Min. : Q≥1,000 (DF≤0.1%) 30㎊ Max. : Q≥400+20C (DF≤1/(400+20C)) - Preheat the capacitor at 120 to 150℃ for 1 minute. (Preheating for 3225, 4520, 4532 Step1 : 100℃ to 120℃, 1min Step2 : 170℃ to 200℃, 1min) Immerse the capacitor in a eutectic solder solution - Soldering Temp. : 260±5℃ - Immersion Time : 10±0.5sec - Initial measurement Perform a heat treatment at 150+0, -10℃ for one hour and then let sit for 48±4 hours at room temperature. Perform the intial measurement. - Measurement after test Take it out and set it for 24±2 hours (temperature compensating type) or 48±4 hours (high dielectric constant type)then measure - Applied the rated voltage for 2 minutes of charging. - The charge/discharge current is less than 50mA. - C0G : The rated voltage×300% - X7R, X5R, Y5V : 〃×250% - Applied between the terminations for 1 to 5 seconds. - The charge/discharge current is less than 50mA. You can check the specification at the appendix for each product with mark The capacitance/Q/D.F. should be measured at 25℃ at the frequency and voltage shown in the table. |
Số phần tương tự - CS1608C0G104D100NBA |
|
Mô tả tương tự - CS1608C0G104D100NBA |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |