công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA2633Y5V104M500F bảng dữ liệu(PDF) 2 Page - SAMWHA ELECTRIC |
|
CA2633Y5V104M500F bảng dữ liệu(HTML) 2 Page - SAMWHA ELECTRIC |
2 / 4 page Multi Layer Ceramic Capacitors 27 SAMWHA CAPACITOR Co., Ltd. 26 Radial & Axial CA 2633 Y5V 104 Z 500 F How to Order(Product Identification) Type CR : Radial Lead Type CA : Axial Lead Type Capacitance Code(Pico Farads) First two digits are significant ; third digit denotes number of zeros. Ex.) 101 = 100㎊, 1R5 = 1.5㎊, 103 = 10,000㎊ Dimension Code The number shows the maximum length of "L" by 1/10 in millimeter, and the alphabet means lead difference.(Refer to above diagram) Temperature Coefficient Code Temperature Characteristice Temperature Range Capacitance Change or Temperature Coefficient C0G -55 to 125℃ 0±30ppm/℃ X7R -55 to 125℃±15% Z5U 10℃ to 85℃+22, -56% Y5V -30 to 85℃+22, -82% Code Dimensions Tolerance Code Dimensions Tolerance Code Dimensions Tolerance D(Ø)4 ±0.3 P1 3.85 ±0.7 F 64.8 -0, +2 H16 ±0.5 P2 6.35 ±1.3 G 50.8~53.3 H1 9 +0.76, -0.5 T 0.9 Max. H =J ±1.2 H2 0 ±2W1 18 ±0.5 J =H ±1.2 L 11 Max. W2 0 +0.6 Max. K 0.8 Max. L1 1.5 Max. S 5 ±0.7 N 5 ±0.4 P 12.7 ±0.3 R 3.2 Min. No adhesive may be exposed Rated Voltage Code Code 250 500 101 Volt DC 25V DC 50V DC 100V Packing Code Code B R F Packing Bulk Reel Pack Flat Pack 1. Operating Temperature C0G : -55 to +125℃ X7R : -55 to +125℃ Z5U : +10 to +85℃ Range Y5V : -30 to 85℃ 2. Insulation Resistance More than 10,000 MΩ or 500Ω.F(whichever is smaller) Applied the rated voltage for 2 minute 3. Dielectric Strength No detects or abnormalities - C0G : The rated voltage×300% - X7R, Z5U, Y5V : 〃×250% 4. Capacitance Within the specified tolerance Temperature Compensating Type 5. Dissipation Factor 6. Terminal Strength No evidence of damage to body of device of looseness of terminals. No. Item Characteristic Temperature Compensating Type High Dielectric Constant Type Test Methods and Conditions Reliability and Test Conditions Char. 50V Min. 25V 16V 10V X7R ≤2.5% ≤3% ≤3.5% ≤5.0% Z%V ≤4.0% -- - ≤5% ≤9% Y5V (<220㎋) ≤ (<220㎋) ≤12.5% ≤7% 7% ≤12.5% (≥220㎋)(≥220㎋) 30㎊ Min. : Q≥1,000(DF≤0.1%) 30㎊ Max. : Q≥400+20C (DF≤1/(400+20C)) Cap. Testing Testing Frequency Voltage C0G 1±0.1M㎐ 0.5 to (C≤1000pF) 5V rms C0G 1±0.1k㎐ 1±0.2V rms (C >1000pF) X7R, Z5U, Y5V (C≤10㎌ 1±0.1k㎐ 1±0.2V rms 10V Min.) A static load of 10N(1kgf) : applied to one terminal in the axial direction and acting in a direction away from the body for 1 to 5 secs. Capacitance Tolerance Code Code Tolerance Remark J ± 5.0 % C0G K ±10 % X7R, C0G M ± 20 % Z5U, X7R Z +80, -20% Z5U, Y5V |
Số phần tương tự - CA2633Y5V104M500F |
|
Mô tả tương tự - CA2633Y5V104M500F |