công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7920 bảng dữ liệu(PDF) 1 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7920
Giải thích chi tiết về linh kiện  Chinese Fonts built in LCD controller/driver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7920 bảng dữ liệu(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7920 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ST
Sitronix
ST7920
Chinese Fonts built in LCD controller/driver
V4.0
1/49
2008/08/18
Main Features
l
Operation Voltage Range:
Ø
2.7V to 5.5V
l
Support 8-bit, 4-bit and serial bus MPU interface
l
64 x 16-bit display RAM (DDRAM)
Ø
Supports 16 words x 4 lines (Max)
Ø
LCD display range 16 words x 2 lines
l
64 x 256-bit Graphic Display RAM (GDRAM)
l
2M-bits Character Generation ROM (CGROM):
Support 8192 Chinese words (16x16 dot matrix)
l
16K-bit half-width Character Generation ROM
(HCGROM):
Supports 126 characters (16x8 dot matrix)
l
32-common x 64-segment (2 lines of character)
LCD drivers
l
Automatic power on reset (POR)
l
External reset pin (XRESET)
l
With the extension segment drivers, the display
area can up to 16x2 lines
l
Built-in RC oscillator:
Frequency is adjusted by an external resistor
l
Low power consumption design
Ø
Normal mode (450uA Typ VDD=5V)
Ø
Standby mode (30uA Max VDD=5V)
l
VLCD (V0 to VSS): max 7V
l
Graphic and character mixed display mode
l
Multiple instructions:
Ø
Display Clear
Ø
Return Home
Ø
Display ON/OFF
Ø
Cursor ON/OFF
Ø
Display Character Blink
Ø
Cursor Shift
Ø
Display Shift
Ø
Vertical Line Scroll
Ø
Reverse Display (by line)
Ø
Standby Mode
l
Built-in voltage booster (2 times)
VOUT: max 7V
l
1/33 Duty (with ICON)
Function Description
ST7920 LCD controller/driver IC can display alphabets, numbers, Chinese fonts and self-defined characters. It
supports 3 kinds of bus interface, namely 8-bit, 4-bit and serial. All functions, including display RAM, Character
Generation ROM, LCD display drivers and control circuits are all in a one-chip solution. With a minimum system
configuration, a Chinese character display system can be easily achieved.
ST7920 includes character ROM with 8192 16x16 dots Chinese fonts and 126 16x8 dots half-width alphanumerical
fonts. Besides, it supports 64x256 dots graphic display area for graphic display (GDRAM). Mix-mode display with
both character and graphic data is possible. ST7920 has built-in CGRAM and provide 4 sets software programmable
16x16 fonts.
ST7920 has wide operating voltage range (2.7V to 5.5V). It also has low power consumption. So ST7920 is suitable
for battery-powered portable device.
ST7920 LCD driver consists of 32-common and 64-segment. Company with the extension segment driver (ST7921)
ST7920 can support up to 32-common x 256-segment display.
Part Number
Font Code
ST7920-0A
BIG-5 Code Set (Traditional Chinese)
ST7920-0B
GB Code Set (Simplified Chinese)
ST7920-0C
Chinese (Traditional/Simplified) & Japanese
ST7920-0F
Chinese (Traditional/Simplified), Japanese & Korean


Số phần tương tự - ST7920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ST7920 ETC1-ST7920 Datasheet
1Mb / 47P
   ST7920
ST7920-0A ETC1-ST7920-0A Datasheet
1Mb / 47P
   ST7920
ST7920-0B ETC1-ST7920-0B Datasheet
1Mb / 47P
   ST7920
More results

Mô tả tương tự - ST7920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
LG122324 ETC-LG122324 Datasheet
31Kb / 1P
   122 x 32 dots Built in 8192 Chinese Fonts
logo
Sharp Corporation
LR38826 SHARP-LR38826 Datasheet
134Kb / 1P
   TFT-LCD Controller with built-in Gate/Source Driver
logo
BOWIN ELECTRONIC CO.
LS6108 BOWIN-LS6108 Datasheet
132Kb / 13P
   Japanese/Chinese Character LCD Watch with EL Driver
logo
OKI electronic componet...
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
logo
NEC
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
   1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
logo
BOWIN ELECTRONIC CO.
LS6105B BOWIN-LS6105B Datasheet
121Kb / 12P
   Chinese Character LCD Watch with EL
logo
AMIC Technology
A31W65132 AMICC-A31W65132 Datasheet
627Kb / 41P
   LCD Controller-Driver
logo
Sanyo Semicon Device
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
   LCD Controller/Driver
logo
NXP Semiconductors
PCF2105 PHILIPS-PCF2105 Datasheet
289Kb / 48P
   LCD controller/driver
1998 Jul 30
logo
OKI electronic componet...
ML9055A OKI-ML9055A Datasheet
377Kb / 59P
   LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com