công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7626 bảng dữ liệu(PDF) 1 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7626
Giải thích chi tiết về linh kiện  65K Color Dot Matrix LCD Controller/Driver
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7626 bảng dữ liệu(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7626 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
ST
Sitronix
ST7626
65K Color Dot Matrix LCD Controller/Driver
Ver 1.5
1/94
2007/01/20
1. INTRODUCTION
The ST7626 is a driver & controller LSI for 65K color graphic dot-matrix liquid crystal display systems. It generates 294
Segment and 68 Common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral
Interface (SPI) or 8-bit/16-bit parallel display data and stores in an on-chip display data RAM. It performs display data RAM
read/write operation with no external operating clock to minimize power consumption. In addition, because it contains
power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.
2. FEATURES
Driver Output Circuits
♦ 294 Segment Outputs / 68 Common Outputs
Applicable Duty Ratios
♦ Various Partial Display
Partial Window Moving & Data Scrolling
Gray-Scale Display
♦ 4FRC & 31 PWM function circuit to display
♦ 64 gray-scale display.
On-chip Display Data RAM
Capacity: 98 x 68 x 16 =106,624 bits
4K colors (RGB)=(444) mode
65K colors (RGB)=(565) mode
Truncated 262K colors (RGB)=(666) mode
Truncated 16M colors (RGB)=(888) mode
Microprocessor Interface
8/16-bit parallel bi-directional interface with 6800-series
or 8080-series
4-line serial interface (4-line-SIF)
3-line serial interface (3-line-SIF)
On-chip Low Power Analog Circuit
♦ On-chip Oscillator Circuit
♦ On-chip Voltage Converter (x2, x3, x4, x5) with internal
booster capacitors.
♦ Extremely Few Outsider Compoment. (Minimum required
outsider compoments: One Capacitor).
♦ On-chip Voltage Regulator (Temperature gradient =
-0.065%/°C)
On-chip Electronic Contrast Control Function (406 steps)
Voltage Follower (LCD bias: 1/5 to 1/12)
Operating Voltage Range
Supply Digital Voltage (VDD, VDD1): 1.8 to 3.3V
Supply Analog Voltage (VDD2, VDD3, VDD4, VDD5): 2.4
to 3.3V
LCD Driving Voltage (VOP = V0 - VSS): 3.76V to 18V
The suggested value of V0 is under 11 V with bias =1/9.
LCD Driving Voltage (EEPROM)
Contrast Adjustment Value is stored in the Built-In
EEPROM for better display quility.
LCM Performance Adjustment (EEPROM)
♦ Adjustment Value for best Display Performance is stored
in the Built-In EEPROM.
Package Type
♦ Application for COG
ST7626
6800 , 8080 ,4-Line , 3-Line interface


Số phần tương tự - ST7626

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sitronix Technology Co....
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results

Mô tả tương tự - ST7626

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sitronix Technology Co....
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com