công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2640A bảng dữ liệu(PDF) 3 Page - Agilent(Hewlett-Packard)

tên linh kiện N2640A
Giải thích chi tiết về linh kiện  Technical Data, Software Release 3.0
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N2640A bảng dữ liệu(HTML) 3 Page - Agilent(Hewlett-Packard)

  N2640A Datasheet HTML 1Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 2Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 3Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 4Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 5Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 6Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 7Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8
N2644A Series Category 6A Universal Channel and Permanent Link SmartProbes,
Class F
[2] Channel and Permanent Link SmartProbes
Universal Channel and Permanent Link
SmartProbes enable the WireScope
Pro to certify LAN cables, permanent
links and channel adapters. Once
inserted in the module bay of the
WireScope Pro, both, SmartProbes and
instrument, are automatically set up
and ready to perform standards-based
cable certification tests.
General Specifications
Size: 79.5 mm x 60.5 mm x 44 mm
(3.1” x 2.4” x 1.7”), excludes cable
Operating Temperature
0°C to +40°C
Storage Temperature
–40°C to +55°C
Measurement Parameter
Range
Resolution
Accuracy
Length
0 – 180 m at NVP > 0.6
0 – 330 m at NVP > 0.6, single ended
0.5 m at NVP = 0.7
± 1 m
Propagation Delay and Skew
0 – 1100 ns
±1 ns
± 6 ns
Attenuation
60 dB
0.1 dB
[1]
Near End Crosstalk (NEXT)
90 dB
0.1 dB
[1]
Equal Level Far End Crosstalk
(ELFEXT)
90 dB
0.1 dB
[1]
Resistance
[3]
5 – 1000 Ohm
1 Ohm
±5%
Network Specifications
Cabling Standards
Ethernet
Legacy Networks
TIA/EIA-606-A and TIA/EIA-568-B Category 3 through 6A
ISO/IEC 11801, EN 50173 and Australia/New Zealand Classes C, D, E, E
A and F
UTP, STP and SCTP cabling
IEEE 802.3 10BASE-T, 100BASE-TX, 1000BASE-T, 10GBASE-T
IEEE 802.5 Token Ring and IBM Type 1
TP PMD interfaces
Supported Tests
Attenuation (Insertion Loss)
Near End Crosstalk (NEXT) in pair-to-pair and/or PowerSum format
Equal Level Far End Crosstalk (ELFEXT)
Return Loss
Loop Resistance
[3]
Wiremap
[3]
Cable length (dual-ended and single ended test)
Total Propagation Delay and Delay Skew between pairs
[1] If not mentioned otherwise, specifications are according to ISO Level IV definition.
[2] The term “Category 7” has been widely used as a synonym of ISO/IEC Class F, yet it is not a TIA/EIA standardized term. Product labels and
documentation may contain either term. Future documents and labels will use the term “Class F”.
[3] Available only for DC coupled structured cabling.


Số phần tương tự - N2640A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
N2640A-010 HP-N2640A-010 Datasheet
171Kb / 5P
   Agilent WireScope Pro Professional Network Test Option N2640A-010
More results

Mô tả tương tự - N2640A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CL-GD543X CIRRUS-CL-GD543X Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
   Software data Protection
logo
Keysight Technologies
N5461A KEYSIGHT-N5461A Datasheet
1Mb / 10P
   Serial Data Equalization Software
N5393D KEYSIGHT-N5393D Datasheet
3Mb / 25P
   PCI Express짰 3.0 (Gen3) Software
MATLAB KEYSIGHT-MATLAB Datasheet
3Mb / 7P
   Data Analysis Software Packages
N5461B KEYSIGHT-N5461B Datasheet
1Mb / 10P
   Serial Data Equalization Software
logo
Micross Components
AS58LC1001 MICROSS-AS58LC1001 Datasheet
196Kb / 19P
   Software Data protection Algorithm
logo
Keysight Technologies
N6171A KEYSIGHT-N6171A Datasheet
1Mb / 18P
   MATLAB Data Analysis Software
N8832A KEYSIGHT-N8832A Datasheet
3Mb / 7P
   Data Analysis Software Packages
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com