công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2640A bảng dữ liệu(PDF) 8 Page - Agilent(Hewlett-Packard)

tên linh kiện N2640A
Giải thích chi tiết về linh kiện  Technical Data, Software Release 3.0
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N2640A bảng dữ liệu(HTML) 8 Page - Agilent(Hewlett-Packard)

  N2640A Datasheet HTML 1Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 2Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 3Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 4Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 5Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 6Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 7Page - Agilent(Hewlett-Packard) N2640A Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Other SmartProbes
N2644A-001 Bare Wire SmartProbe
(set of 2 units)
N2644A-065 Siemon S210 A Block
SmartProbe (single unit)
N2644A-066 Siemon S210 B Block
SmartProbe (single unit)
Optional Accessories
N2643A-100 Upgrade License for
Category 6A/7/ Class E
A/F Cable Test,
Alien Crosstalk Test and External
Noise Measurement
NEW! N2640A-010 Professional
Network Test Software License for
WireScope Pro (for details, refer to the
technical datasheet, p/n 5989-7957EN)
N2641A-090 Replacement Accessories
Bundle, WireScope Pro
N2641A-095 256 MB USB Flash Drive,
WireScope Pro
N2605A-132 Soft Carrying Case
N2641A-134 Hard Carrying Case,
WireScope Pro
N2641A-135 Rechargeable Battery
Pack, WireScope Pro
N2641A-097 Special USB Cable,
WireScope Pro (pack of 5 cables)
N2595A-094 Auto Lighter DC Power
Adapter
N2641A-080 Universal AC Adapter,
WireScope Pro
N2648A-001 Alien Crosstalk
stimulator, single replacement unit
Agilent Network and Digital
Solutions
Enabling service and device
innovation for computing and
communications
Agilent Technologies is a worldwide
leader in testing computer and
communications devices, elements,
systems and services that enable high-
speed computation and communica-
tions. The test portfolio includes:
• multiservices test solutions for
converging network infrastructure
enabling component, network
elements manufacturers and
service providers to accelerate the
delivery of next-generation devices
for applications from backbone,
metro, enterprise, access, to
backplanes.
• digital microwave solutions for
high-speed communications
busses and backplanes that allow
more complete characterization of
new devices and designs with
easy, accurate and repeatable BER,
jitter and protocol performance
measurements.
• a broad range of optical test
solutions used by component and
equipment manufacturers,
aerospace & defense companies,
universities and service providers
to characterize the latest in high
performance and low cost photonic
devices and networks.
www.agilent.com
www.agilent.com/find/wirescope
Sales, Service and Support
United States
1 800 829 4444
1 800 829 4433 (FAX)
Canada
1 877 894 4414
1 888 900 8921 (FAX)
Europe
(31) (0) 20 547 2111
(31) (0) 20 547 2190 (FAX)
Latin America
(55) 11 4197 3600
(55) 11 4197 3800 (FAX)
Australia
1 800 629 485
1 800 142 134 (FAX)
Hongkong
800 930 871
(852) 2506 9233 (FAX)
Singapore
1800-375 8100
(65) 6755 0042 (FAX)
Malaysia
1 800 888 848
1 800 801 664 (FAX)
China
800 810 0189
800 820 2816 (FAX)
Taiwan
0800 047 866
0800 286 331 (FAX)
India
1800 112 929
1800 113 035 (FAX)
Thailand
(66) (2) 268 1345
(66) (2) 268 1346 (FAX)
Japan
0120 421 345
0120 421 678 (FAX)
This information is subject to change without notice.
Copyright © 2006–2008 Agilent Technologies
February 29, 2008
5989-5203EN


Số phần tương tự - N2640A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
N2640A-010 HP-N2640A-010 Datasheet
171Kb / 5P
   Agilent WireScope Pro Professional Network Test Option N2640A-010
More results

Mô tả tương tự - N2640A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CL-GD543X CIRRUS-CL-GD543X Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
   Software data Protection
logo
Keysight Technologies
N5461A KEYSIGHT-N5461A Datasheet
1Mb / 10P
   Serial Data Equalization Software
N5393D KEYSIGHT-N5393D Datasheet
3Mb / 25P
   PCI Express짰 3.0 (Gen3) Software
MATLAB KEYSIGHT-MATLAB Datasheet
3Mb / 7P
   Data Analysis Software Packages
N5461B KEYSIGHT-N5461B Datasheet
1Mb / 10P
   Serial Data Equalization Software
logo
Micross Components
AS58LC1001 MICROSS-AS58LC1001 Datasheet
196Kb / 19P
   Software Data protection Algorithm
logo
Keysight Technologies
N6171A KEYSIGHT-N6171A Datasheet
1Mb / 18P
   MATLAB Data Analysis Software
N8832A KEYSIGHT-N8832A Datasheet
3Mb / 7P
   Data Analysis Software Packages
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com