công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7033 bảng dữ liệu(PDF) 11 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7033
Giải thích chi tiết về linh kiện  4 x 96 Dot Matrix LCD Controller/Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 bảng dữ liệu(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
ST7033
Ver 1.1
11/39
2009/07/17
Serial Interface
Serial Mode
PS1
PS0
/CSB
A0
4-line SPI interface
L
H
/CSB
Used
3-line SPI interface
L
L
/CSB
Not Used
Fix to “H”
Table 4. Microprocessor Selection for Serial Interface
PS1= “L”, PS0= “H”: 4-line SPI interface
When the ST7033 is active (/CSB=”L”), serial data (D1) and serial clock (D0) inputs are enabled. When /CSB is “High”, the
internal 8-bit shift register and the 3-bit counter are reset. The display data/command indication is controlled by the register
selection pin (A0). The signals transferred on data bus will be display data when A0 is high and will be instruction when A0
is low. The read feature is not supported in this mode. Serial data on SDA (D1) is latched at the rising edge of serial clock
on SCLK (D0). After the eighth serial clock, the serial data will be processed as 8-bit parallel data. The DDRAM column
address pointer will be increased by one automatically after each byte of DDRAM access.
3-line SPI interface
When ST7033 is active (/CSB=”L”), SDA-out, SDA-in and SCL inputs are enabled. When ST7033 is not active (/CSB=”H”),
the internal 8-bit shift register and the 3-bit counter are reset. The A0 pin is not available in this mode. Before issuing serial
data, an A0 bit is required to indicate the access is data or instruction. The read feature is not supported in this mode except
ID code read feature. Serial data on SDA (D1) is latched at the rising edge of serial clock on SCLK (D0). After the eighth
serial clock, the serial data will be processed as 8-bit parallel data. The DDRAM column address pointer will be increased
by one automatically after each byte of DDRAM access.
Figure 3. 3-Line SPI Timing
Figure 2. 4-Line SPI Timing


Số phần tương tự - ST7033

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pulse A Technitrol Comp...
ST7033FNL PULSE-ST7033FNL Datasheet
355Kb / 3P
   MDL,SIN,10D,1:1,SM,TU
ST7033QNL PULSE-ST7033QNL Datasheet
120Kb / 1P
   MDL,SIN,10D,1:1,SM,TU
More results

Mô tả tương tự - ST7033

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sitronix Technology Co....
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
   17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com