công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST3024 bảng dữ liệu(PDF) 6 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST3024
Giải thích chi tiết về linh kiện  Audio Decoder/ Encoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3024 bảng dữ liệu(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST3024 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ST3024
Preliminary Ver 0.1
Page 6/13
2007/06/20
4
ELECTRICAL CHARACTERISTICS
4.1
Absolute Maximum Rations
DC Supply Voltage: VDD33 -----------------
-0.3V to +4.5V
Operating Ambient Temperature ----------
-10
°C to +60°C
Storage Temperature ------------------------ -10
°C to +125°C
4.2
DC Electrical Characteristics
Table 4-1 DC Electrical Characteristics
Standard operation conditions: VDD33 = 3.3V, GND = 0V, TA = 25°C, unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VDD33
3.0
3.6
V
Operating Voltage
VDD25
2.25
2.5
2.7
V
Operating Current
IOP1
30
mA
Run at 24MHz without speaker
Power Down Current
IPD
3
4.5
mA
Output driving
Iod
16
mA
Output sinking
Ios
26
mA
Input low voltage
VIL
0.6
V
Input high voltage
VIH
1.3
V
Pull-up resistor
RPU
54
Pull-down resistor
RPD
50
Low Voltage Reset Level
VLVR
2.4
2.5
2.6
V
*Note: Stresses above those listed under “Absolute
Maximum Ratings”may cause permanent damage
to the device. All the ranges are stress ratings only.
Functional operation of this device at these or any
other conditions above those indicated in the
operational sections of this specification is not
implied or intended. Exposed to the absolute
maximum rating conditions for extended periods
may affect device reliability.


Số phần tương tự - ST3024

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hammond Manufacturing L...
ST302408SS HAMMOND-ST302408SS Datasheet
112Kb / 3P
   Armoire murale en acier inoxydable de type 4X avec toit incline
ST302408SS HAMMOND-ST302408SS Datasheet
150Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
ST302410LG HAMMOND-ST302410LG Datasheet
102Kb / 3P
   Armoire murale en acier doux de type 4 avec toit incline
ST302410LG HAMMOND-ST302410LG Datasheet
114Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
ST302412LG HAMMOND-ST302412LG Datasheet
102Kb / 3P
   Armoire murale en acier doux de type 4 avec toit incline
More results

Mô tả tương tự - ST3024

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com