công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST2205U bảng dữ liệu(PDF) 9 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST2205U
Giải thích chi tiết về linh kiện  8 BIT Integrated Microcontroller with 32K Bytes RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2205U bảng dữ liệu(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST2205U Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ST2205U
Version 1.0
8/32
6/13/2007
6
6.. IIN
NT
TE
ER
RR
RU
UP
PT
T C
CO
ON
NT
TR
RO
OL
LL
LE
ER
R
The ST2205U supports 16 hardware interrupts as well as one
software interrupt Brk. There are 17 exception vectors for these
interrupts and another one for reset. All interrupts are controlled
by interrupt disable flag “I” (bit2 of status register P). Hardware
interrupts are further controlled by interrupt enable register
IENA
. Setting bits of IENA enables respective interrupts.
The interrupt controller owns one priority arbitrator. When more
than one interrupts happen at the same time, the one with
lower priority number will be executed first. Refer to TABLE 6-1
for priorities of interrupts.
Once an interrupt event was enabled and then happens, the
CPU wakes up (if in either wait mode), and associated bit of
interrupt request register (IREQ) will be set. If “I” flag is cleared,
the related vector will be fetched and then the interrupt service
routine (ISR) will be executed. Interrupt request flag can be
cleared by two methods. One is to write “0” to IREQ, the other
is to initiate related interrupt service routine. Hardware will
automatically clear the Interrupt request flag. All interrupt
vectors are listed in TABLE 6-1.
TABLE 6-1 Interrupt Vectors
Name
Signal Source
Vector Address
Priority
Description
BRK
Internal
$7FFF,$7FFE
1
Software BRK operation vector
RESET
External
$7FFD,$7FFC
0
Reset vector
-
-
$7FFB,$7FFA
-
Reserved
INTX
External
$7FF9,$7FF8
9
PE0/1/2 edge interrupt
T0
Internal/External
$7FF7,$7FF6
10
Timer0 interrupt
T1
Internal
$7FF5,$7FF4
11
Timer1 interrupt
T2
Internal/External
$7FF3,$7FF2
12
Timer2 interrupt
T3
Internal
$7FF1,$7FF0
13
Timer3 interrupt
PT
External
$7FEF,$7FEE
14
Port-A transition interrupt
BT
Internal
$7FED,$7FEC
15
Base Timer interrupt
LCD
Internal
$7FEB,$7FEA
16
LCD buffer interrupt
STX
External
$7FE9,$7FE8
1
SPI transmit buffer empty interrupt
SRX
External
$7FE7,$7FE6
2
SPI receive buffer ready interrupt
UTX
External
$7FE5,$7FE4
3
UART transmitter interrupt
URX
External
$7FE3,$7FE2
4
UART receiver interrupt
USB
External
$7FE1,$7FE0
5
USB interrupt
Reserved
$7FDF,$7FDE
6
PCM
Internal
$7FDD,$7FDC
7
PCM interrupt
RTC
Internal
$7FDB,$7FDA
8
RTC interrupt


Số phần tương tự - ST2205U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
ST220-100T4MI VISHAY-ST220-100T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2MI VISHAY-ST220-50T2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST2200-25T4MI VISHAY-ST2200-25T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Goodwork Semiconductor ...
ST2200L GWSEMI-ST2200L Datasheet
48Kb / 2P
   2.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
More results

Mô tả tương tự - ST2205U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
   8-bit Microcontroller with 32K Bytes QuickFlash
AT89C51RC ATMEL-AT89C51RC_08 Datasheet
540Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2 ATMEL-T89C51RB2_06 Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RB2 ATMEL-AT89C51RB2_06 Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com