công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST2204 bảng dữ liệu(PDF) 3 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST2204
Giải thích chi tiết về linh kiện  8 BIT Integrated Microcontroller with 512K Bytes ROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 bảng dữ liệu(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST2204 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ST2204
Ver 0.6
3/24
2008/11/10
3
3.. S
SIIG
GN
NA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
NS
S
TABLE 3-1 Signal Function Groups
Function Group
Pad No.
Designation
Description
Power
18, 55,
94
VCC , PVCC
VCC: Power supply for system
PVCC: Power supply for PSGO and PSGOB
Ground
23, 51,
52, 74
GND , PGND
GND: System power ground
PGND: Power ground for PSGO and PSGOB
System control
15,
26
50,80
1,81
28
RESET ,
LVR
/ICE1,
ICE2/3,
TEST1/2,
MMD/ CS0
RESET : Active low system reset signal input
LVR
/ICE1:
LVR
: Low voltage reset signal output, connect this pin to
RESET to make Low Voltage Reset function work.
ICE1
: ICE1 function when in ICE mode
TEST1/2, ICE2/3:
Leave them open when normal operation
MMD/CS0:
Memory modes selection pin
Normal mode:
Enable internal ROM.
MMD/ CS0 connects to GND.
Emulation mode:
Disable internal ROM.
MMD/ CS0 connects to chip-select pin of external ROM.
One resistor should be added between VCC and this pin.
After reset cycles, MMD/ CS0 changes to be an output, and
outputs signal CS0 .
Clock
16,
19~22
XMD,
XIO,OSCI
OSCXO,OSCXI, ,
XMD:
High frequency oscillator (OSC) mode selection input
Low:
Crystal mode. One crystal or resonator should be
connected between OSCI and XIO
High:
Resistor oscillator mode. One resistor should be
connected between OSCI and VCC
OSCXI, OSCXO:
Connect one 32768Hz crystal between these
two pins when using low frequency oscillator
72, 73
WR , RD
External memory R/W control signals
2~4,
85~93,
95~105
A[22:0]
External memory address bus
External memory
bus signals
75~79,
82~84
D[7:0]
External memory data bus
PSG/PWM DAC
53, 54
PSGO, PSGOB
PSG outputs. Connect to one buzzer or speaker
Keyboard scan
signal (return line)
24~25,
27,29~33
PA7~0
I/O port A
GPIO
34~41
PB7~0
I/O port B
Chip selects
64~69
1
~
CS5
/PD4~0,
CS6 /A23/PD5
I/O port D and chip-select outputs
UART
48, 49,
70, 71
RXD0/PC7,TXD0/PC6,
RXD1/PD7,TXD1/PD6
UART signals and I/Os
SPI
43~47
DATA_READY /PC5 ,
SS /PC4 , MOSI/PC3 ,
MISO/PC2 , SCK/PC1
SPI signals and I/Os


Số phần tương tự - ST2204

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
ST220-100T4MI VISHAY-ST220-100T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2MI VISHAY-ST220-50T2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST2200-25T4MI VISHAY-ST2200-25T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Goodwork Semiconductor ...
ST2200L GWSEMI-ST2200L Datasheet
48Kb / 2P
   2.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
More results

Mô tả tương tự - ST2204

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ST2202 ETC-ST2202 Datasheet
1Mb / 65P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
ST2205U SITRONIX-ST2205U Datasheet
723Kb / 32P
   8 BIT Integrated Microcontroller with 32K Bytes RAM
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P451S EMC-EM78P451S Datasheet
421Kb / 54P
   8-Bit Microcontroller with OTP ROM
EM78P372N EMC-EM78P372N Datasheet
3Mb / 126P
   8-Bit Microcontroller with OTP ROM
logo
Holtek Semiconductor In...
HT827A0 HOLTEK-HT827A0 Datasheet
302Kb / 49P
   8-Bit Microcontroller with Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com