công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

O100.0-VX3L-T1 bảng dữ liệu(PDF) 1 Page - Jauch Quartz Gmbh

tên linh kiện O100.0-VX3L-T1
Giải thích chi tiết về linh kiện  SMD Oscillator with Stop Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JAUCH [Jauch Quartz Gmbh]
Trang chủ  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O100.0-VX3L-T1 bảng dữ liệu(HTML) 1 Page - Jauch Quartz Gmbh

  O100.0-VX3L-T1 Datasheet HTML 1Page - Jauch Quartz Gmbh O100.0-VX3L-T1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Order Information
Example: O 20.0-VX3MH
(LF = RoHS compliant / Pb free pads)
O
frequency
type
option
Oscillator
0.5 ~ 70.0 MHz
VX3J-VX3MP
see table 1
blank = -10 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
Preferred Type
VX3MH-T1: ± 50 ppm / 30 pF/ -40 °C ~ +85 °C
VX3MH:
± 50 ppm / 30 pF
Oscillator · VX3 · 3.3 V
actual size
preferred type for extended temperature range
reflow soldering temperature: 260 °C max.
full ceramic package
7.0±0.2
5.08±0.1
1.4±0.1
# 4
# 3
# 1
# 2
5.08±0.1
1.8±0.1
# 3
# 4
# 2
# 1
Dimensions
in mm
top view
side view
bottom view
pad layout
pin connection
# 1: e/d
# 2: ground
# 3: output
# 4: VDC
Table 2: Current Consumption max.
0.5 ~ 33.9 MHz
8 mA
34.0 ~ 49.9 MHz
12 mA
50.0 ~ 70.0 MHz
25 mA
0.5 ~ 33.9 MHz
10 mA
34.0 ~ 49.9 MHz
20 mA
50.0 ~ 70.0 MHz
25 mA
Current at 15pF load
Current at 30pF load
Table 3: Rise & Fall Time max.
8.0 ns: 0.5 ~ 1.79 MHz
6.0 ns: 1.8 ~ 34.99 MHz
5.0 ns: 35.0 ~ 70.00 MHz
note:
- specific data on request
- rise time: 0.1 VDC ~ 0.9 VDC
- fall time: 0.9 VDC ~ 0.1 VDC
Table 1: Type
stability
± 100 ppm
± 50 ppm
± 30 ppm
± 25 ppm
± 20 ppm
type VX3
J
M
K
MH
JS
MS
JQ
MQ
JP
MP
output load
15 pF 30 pF 15 pF 30 pF
15 pF
30 pF
15 pF
30 pF
15 pF
30 pF
-10 °C ~ +70 °C
OO
O
OO
O
O
ΔΔ
-40 °C ~ +85 °C
OO
O
OO
O
O
standard O available Δ excludes aging
General Data
type
frequency range
frequency stability over all*
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load max
current max.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
phase jitter 12 kHz ~ 20.0 MHz
symmetry at 0.5 x VDC
VX3 3.3 V
0.50 ~ 70.0 MHz (15pF max.)
0.50 ~ 70.0 MHz (30pF max.)
± 20ppm ~ ± 100ppm (table 1)
see table 2
3.3 V ± 10%
-10 °C ~ +70 °C / -40 °C ~ +85 °C
-55 °C ~ +125 °C
see table 3
15pF / 30pF
8mA
0.1 x VDC
0.9 x VDC
100ns
100ns
10ms
tristate
< 1.0ps RMS
45% ~ 55% typ. (40% ~ 60% max.)
* includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
SMD Oscillator with Tristate Function
· 7.0 x 5.0 mm
150708


Số phần tương tự - O100.0-VX3L-T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Jauch Quartz Gmbh
O100.0-VX3N JAUCH-O100.0-VX3N Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O100.0-VX3N-T1 JAUCH-O100.0-VX3N-T1 Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O100.0-VX3NH JAUCH-O100.0-VX3NH Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O100.0-VX3NH-T1 JAUCH-O100.0-VX3NH-T1 Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O100.0-VX3NP JAUCH-O100.0-VX3NP Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
More results

Mô tả tương tự - O100.0-VX3L-T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Jauch Quartz Gmbh
JO22-2.8V JAUCH-JO22-2.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO22-1.8V JAUCH-JO22-1.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO32-3.0V JAUCH-JO32-3.0V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
JO21-3.3V JAUCH-JO21-3.3V Datasheet
180Kb / 2P
   SMD Oscillator with Stop Function
JO53-1.8V JAUCH-JO53-1.8V Datasheet
154Kb / 2P
   SMD Oscillator with Stop Function
JO32-2.5V JAUCH-JO32-2.5V Datasheet
157Kb / 2P
   SMD Oscillator with Stop Function
JO32-2.8V JAUCH-JO32-2.8V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
VX3-2.5V JAUCH-VX3-2.5V Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
JO53-2.5V JAUCH-JO53-2.5V Datasheet
155Kb / 2P
   SMD Oscillator with Stop Function
JO75-2.5V JAUCH-JO75-2.5V Datasheet
229Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com