công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
O100.0-VX3PP bảng dữ liệu(PDF) 2 Page - Jauch Quartz Gmbh |
|
O100.0-VX3PP bảng dữ liệu(HTML) 2 Page - Jauch Quartz Gmbh |
2 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice Oscillator · VX3 · 2.8 V · Stop Function 8.0±0.2 ø 1.5±0.1 4.0 2.0 0.3±0.1 2.7 5.4 Direction of feed 500 pcs per reel in mm Taping Specification (JIS-C0806) 2.0 ø21 120° 17.5 reel marking: type - OH/H temperature (°C) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 °C max. 180 ±5 °C 220 ±5 °C Reflow Soldering Profile note: parts are also suitable for soldering systems with lead (Pb) content Marking type / frequency date code: A ~ M: Jan.- Dec. 5: 2005 6: 2006 7: 2007 Jan. Febr. Mar. Apr. May June AB C D E F July Aug. Sept. Oct. Nov. Dec. GH J K L M Enable / Disable Function pin #1 (e/d control) pin #3 (output) open active high ”1” (VIH ≥ 0.8 VDC) active low ”0” (VIL ≤ 0.2 VDC) high impedance stop function: • oscillator stops • output high impedance |
Số phần tương tự - O100.0-VX3PP |
|
Mô tả tương tự - O100.0-VX3PP |