công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
O1.8-JO75H-E-5.0-1 bảng dữ liệu(PDF) 1 Page - Jauch Quartz Gmbh |
|
O1.8-JO75H-E-5.0-1 bảng dữ liệu(HTML) 1 Page - Jauch Quartz Gmbh |
1 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice RoHS 2002/95/EC Pb free: pins / pads RoHS compliant Oscillator · JO75H · 5.0 V actual size ■ tight tolerance down to ±10 ppm ■ reflow soldering temperature: 260 °C max. ■ ceramic/metal package Table 1: Frequency Stability Code stability code DE F ± 20 ppm ± 15 ppm ± 10 ppm -10 °C ~ +70 °C O ΔΔ -40 °C ~ +85 °C O Δ O available Δ excludes shock and vibration blank = -10 °C ~ +70 °C T1 = -40 °C ~ +85 °C Order Information Example: O 20.0-JO75H-D-5.0-1 (LF = RoHS compliant / Pb free pads) O frequency type frequency stability code Oscillator 1.80 ~ 50.0 MHz JO75H see table 1 5.0 = 5.0 V 1 = 15 pF 2 = 30 pF option supply voltage code output load code Table 3: Rise & Fall Time max. 5.0 ns: 1.80 ~ 50.0 MHz note: - specific data on request - rise time: 0.1 VDC ~ 0.9 VDC - fall time: 0.9 VDC ~ 0.1 VDC General Data type frequency range frequency stability over all* current consumption supply voltage VDC temperature operating storage output rise & fall time load max current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function standby current max. phase jitter 12 kHz ~ 20.0 MHz symmetry at 0.5 x VDC JO75H 5.0 V high stability 1.80 ~ 50.0 MHz ± 10ppm ~ ± 20ppm see table 1 see table 2 5.0 V ± 5% -10 °C ~ +70 °C / -40 °C ~ +85 °C -55 °C ~ +125 °C see table 3 15pF / 30 pF 4mA 0.1 x VDC 0.9 x VDC 5ms 150ns 5ms stop 50µA < 1.0ps RMS 45% ~ 55% max. Table 2: Current Consumption max. 1.8 ~ 19.9 MHz 10 mA 20.0 ~ 50.0 MHz 22 mA 1.8 ~ 19.9 MHz 18 mA 20.0 ~ 50.0 MHz 35 mA Current at 15pF load Current at 30pF load * includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year. 7.5 max. 5.08±0.1 1.4±0.1 # 4 # 3 # 1 # 2 5.08±0.1 1.8±0.1 # 3 # 4 # 2 # 1 not connected pins 0.8±0.1 Dimensions in mm top view side view bottom view pad layout pin connection # 1: e/d # 2: ground # 3: output # 4: VDC High Stability Oscillator with Stop Function · 7.5 x 5.0 mm 260209 |
Số phần tương tự - O1.8-JO75H-E-5.0-1 |
|
Mô tả tương tự - O1.8-JO75H-E-5.0-1 |