công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Q16.0-JXG63P4-12-30 bảng dữ liệu(PDF) 2 Page - Jauch Quartz Gmbh |
|
Q16.0-JXG63P4-12-30 bảng dữ liệu(HTML) 2 Page - Jauch Quartz Gmbh |
2 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice SMD Quartz Crystal · JXG63P4 temperature ( °C) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 °C max. 180 ±5 °C 220 ±5 °C Reflow Soldering Profile note: parts are also suitable for soldering systems with lead (Pb) content 8.0 4.0 1.9 4.1 ø 1.5 Feeding Taping Specification 1000 pcs per reel in mm 2.0 ø 21 120 ° Load Capacitance Codes 8 pF: k 9 pF: n 10 pF: h 11 pF: l 12 pF: a 13 pF: v 22 pF: g 24 pF: d 25 pF: r 27 pF: w 30 pF: . series: s T: 3rd OT 14 pF: x 15 pF: j 16 pF: b 17 pF: t 18 pF: f 20 pF: c example 12.0 MHz / 12 pF: 12a00 12.4 |
Số phần tương tự - Q16.0-JXG63P4-12-30 |
|
Mô tả tương tự - Q16.0-JXG63P4-12-30 |