công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Q14.00-SMU4-12-100 bảng dữ liệu(PDF) 2 Page - Jauch Quartz Gmbh |
|
Q14.00-SMU4-12-100 bảng dữ liệu(HTML) 2 Page - Jauch Quartz Gmbh |
2 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice SMD Quartz Crystal · SMU4 8.0±0.2 4.0±0.1 5.8 max ø 2.2±0.2 2.0±0.1 ø 1.5±0.1 0.4±0.1 4.5±0.2 Direction of feed Taping Specification 1000 pcs per reel temperature ( °C) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 °C max. 180 ±5 °C 220 ±5 °C Reflow Soldering Profile in mm 2.0 ø 21 120 ° 25.5 7 pF: m 8 pF: k 9 pF: n 10 pF: h 11 pF: l 12 pF: a 20 pF: c 22 pF: g 24 pF: d 25 pF: r 27 pF: w 30 pF: . 32 pF: e series: s T: 3rd OT 13 pF: v 14 pF: x 15 pF: j 16 pF: b 17 pF: t 18 pF: f example 4.0 MHz / 12 pF: 4a000 Load Capacitance Codes note: parts are also suitable for soldering systems with lead (Pb) content |
Số phần tương tự - Q14.00-SMU4-12-100 |
|
Mô tả tương tự - Q14.00-SMU4-12-100 |