công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

Q14.00-SMU4-12-50 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

tên linh kiện Q14.00-SMU4-12-50
Nội dung chi tiết  SMD Quartz Crystal
tải về  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  JAUCH [Jauch Quartz Gmbh]
Trang chủ  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

  Q14.00-SMU4-12-50 bảng dữ liệu HTML 1Page - Jauch Quartz Gmbh Q14.00-SMU4-12-50 bảng dữ liệu HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Quartz Crystal • JXE 63
General Data
Frequency Stability vs. Temperature
ESR (series resistance Rs)
SMD Quartz Crystal · SMU4
Marking
-20 °C ~ +70 °C
-40 °C ~ +85 °C
T1
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in Ω
in Ω
3.2768 ~3.999
fund.- AT
200
100
4.000 ~ 4.499
fund.- AT
120
60
4.500 ~ 5.999
fund.- AT
100
50
6.000 ~ 6.999
fund.- AT
80
40
7.000 ~ 9.999
fund.- AT
70
35
10.00 ~ 13.99
fund.- AT
50
25
14.00~ 40.000
fund.- AT
40
20
27.00 ~ 60.00 3rd OT - AT
120
80
24.00 ~ 40.00
fund.- BT
50
20
standard
O
available
actual size
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
± 20 ppm
± 30 ppm
± 50 ppm
± 100 ppm
+10/-100 ppm
O
••
O BT-cut
OO
SMU4
3.2768 ~ 40.0 MHz
( fund. AT-cut )
27.0 ~ 60.0 MHz
( 3rd OT. AT-cut )
24.0 ~ 40.0 MHz
( fund. BT-cut )
± 10 ppm ~ ± 30 ppm
12 pF ~ 32 pF or series
< 5 pF
-40 °C ~ +90 °C
500 µW
(100 µW recommended)
< ± 5 ppm first year
frequency with load capacitance code
company code / date code / internal code
Jan. Febr. Mar. Apr. May June July Aug. Sept. Okt. Nov. Dec.
2005
AB
C D
E
F
G H J K
L M
2006
NP QR
S
T
U V W X
Y Z
2007
ab
c
d
e
f
g
h
j
k
l m
2008
n
p
q
r
s
t
u
v
w
x
y
z
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
FU = for fundamental frequencies ≥ 20 MHz
3OT = 3rd overtone
BT = fundamental BT-cut
Order Information
Example: Q 30.0-SMU4-30-30/30-FU
(Suffix LF = RoHS compliant / Pb free pads)
Q
frequency
type
load capacitance
Quartz
3.2768 ~ 60.0 MHz
SMU4
30 pF standard
12pF ~ 32 pF
S for series
30 = ± 30 ppm std
see table
option
stability at
25 °C
stability vs.
temp. range
10.1 max.
12.5±0.3
3.7±0.3
5.5±0.1
5.5±0.1
4.4±0.1
Z
Z
11.7 max.
Dimensions
in mm
top view
side view
side view
bottom view
pad layout
low cost SMD type
reflow soldering temperature: 260 °C max.
package height 4.0 mm max.
2 Pad Version
· 11.5 x 4.8 mm



Html Pages

1  2 


bảng dữ liệu tải về

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn