công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TD62305AP bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor |
|
TD62305AP bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TD62304,305P/AP/F/AF 2001-07-16 1 TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TD62304P,TD62304AP,TD62304F,TD62304AF TD62305P,TD62305AP,TD62305F,TD62305AF 7CH LOW ACTIVE DARLINGTON SINK DRIVER The TD62304P/AP/F/AF and TD62305P/AP/F/AF are non−inverting transistor arrays, which are comprised of eight NPN darlington buffer-transistor output stages and PNP input stages. These devices can be operated by source input voltage and are suitable for operations with a 5-V general purposed logic IC such as 5-V TTL, 5-V CMOS and 5-V Microprocessor which have sink current output drivers. Please observe the thermal condition for using. FEATURES l Output current (single output) 500 mA (Max.) l High sustaining voltage 35 V (TD62304P/F, 62305P/F) 50 V (TD62304AP/AF, 62305AP/AF) (Min.) l Low level active input l Input compatible with 5-V TTL and 5-V CMOS l Package type-P, AP: DIP-16 pin l Package type-F, AF: SOP-18 pin PIN CONNECTION (TOP VIEW) SCHEMATICS (EACH DRIVER) TD62034P/AP/F/AF TD62305P/AP/F/AF Note: The input and output parasitic diodes cannot be used as clamp diodes. Weight DIP16−P−300−2.54A : 1.11 g (Typ.) SOP16−P−225−1.27 : 0.16 g (Typ.) |
Số phần tương tự - TD62305AP |
|
Mô tả tương tự - TD62305AP |