công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Q02-5 bảng dữ liệu(PDF) 2 Page - Powerbox |
|
Q02-5 bảng dữ liệu(HTML) 2 Page - Powerbox |
2 / 3 page 208 Q Series 0.5 W A TTS-100-10KV SINGLE OUTPUT DC/DC INDUSTRIAL MODEL INPUT VOLTAGE OUTPUT*2 VOLTAGE OUTPUT*1 CURRENT INPUT CURRENT FULL LOAD TYPICAL FREQUENCY CASE RIPPLE P-P NO LOAD Q01-5 0 to 5V 0 to +/-100V 5 mA <1.00% <50mA <175mA 100-200kHz A Q01-12 0 to 12V 0 to +/-100V 5 mA <1.00% <15mA <100mA 100-200kHz A Q01-24 0 to 24V 0 to +/-100V 5 mA <1.00% <10mA <50mAv 100-200kHz A Q02-5 0 to 5V 0 to +/-200V 2.5 mA <0.25% <50mA <175mA 200-350kHz A Q02-12 0 to 12V 0 to +/-200V 2.5 mA <0.25% <15mA <75mA 200-350kHz A Q02-24 0 to 24V 0 to +/-200V 2.5 mA <0.25% <10mA <50mA 200-350kHz A Q03-5 0 to 5V 0 to +/-300V 1.6 mA <0.25% <50mA <175mA 125-300kHz A Q03-12 0 to 12V 0 to +/-300V 1.6 mA <0.25% <15mA <100mA 125-300kHz A Q03-24 0 to 24V 0 to +/-300V 1.6 mA <0.10% <10mA <50mA 125-300kHz A Q04-5 0 to 5V 0 to +/-400V 1.25 mA <0.05% <50mA <175mA 200-350kHz A Q04-12 0 to 12V 0 to +/-400V 1.25 mA <0.05% <15mA <100mA 200-350kHz A Q04-24 0 to 24V 0 to +/-400V 1.25 mA <0.05% <10mA <50mA 200-350kHz A Q05-5 0 to 5V 0 to +/-500V 1 mA <0.10% <50mA <200mA 175-350kHz A Q05-12 0 to 12V 0 to +/-500V 1 mA <0.05% <15mA <100mA 175-350kHz A Q05-24 0 to 24V 0 to +/-500V 1 mA <0.125% <10mA <50mA 200-350kHz A Q06-5 0 to 5V 0 to +/-600V 0.8 mA <0.10% <50mA <200mA 150-275kHz A Q06-12 0 to 12V 0 to +/-600V 0.8 mA <0.10% <20mA <100mA 175-350kHz A Q06-24 0 to 24V 0 to +/-600V 0.8 mA <0.10% <10mA <50mA 150-275kHz A Q07-5 0 to 5V 0 to +/-700V 0.7 mA <0.10% <50mA <175mA 150-275kHz A Q07-12 0 to 12V 0 to +/-700V 0.7 mA <0.10% <15mA <100mA 150-275kHz A Q07-24 0 to 24V 0 to +/-700V 0.7 mA <0.25% <10mA <50mA 75-175kHz A Q08-5 0 to 5V 0 to +/-800V 0.625 mA <0.30% <50mA <175mA 200-350kHz A Q08-12 0 to 12V 0 to +/-800V 0.625 mA <0.30% <20mA <100mA 100-200kHz A Q08-24 0 to 24V 0 to +/-800V 0.625 mA <0.25% <10mA <50mA 100-200kHz A Q09-5 0 to 5V 0 to +/-900V 0.555 mA <0.30% <50mA <175mA 125-300kHz A Q09-12 0 to 12V 0 to +/-900V 0.555 mA <0.25% <20mA <100mA 125-300kHz A Q09-24 0 to 24V 0 to +/-900V 0.555 mA <0.30% <10mA <50mA 125-300kHz A Q10-5 0 to 5V 0 to 1,000V 0.5 mA <0.25% <50mA <175mA 400-500kHz A Q10-12 0 to 12V 0 to 1,000V 0.5 mA <0.25% <15mA <100mA 125-300kHz A Q10-24 0 to 24V 0 to 1,000V 0.5 mA <0.25% <10mA <50mA 125-300kHz A Q10N-5 0 to 5V 0 to -1,000V 0.5 mA <0.25% <50mA <175mA 125-300kHz A Q10N-12 0 to 12V 0 to -1,000V 0.5 mA <0.25% <15mA <100mA 125-300kHz A Q10N-24 0 to 24V 0 to -1,000V 0.5 mA <0.25% <10mA <50mA 125-300kHz A Q12-5 0 to 5V 0 to 1,200V 0.4 mA <0.25% <50mA <175mA 150-250kHz A Q12N-5 0 to 5V 0 to -1,200V 0.4 mA <0.25% <50mA <175mA 150-250kHz A Q15-5 0 to 5V 0 to 1,500V 0.3 mA <0.25% <75mA <175mA 125-350kHz A Q15N-5 0 to 5V 0 to -1,500V 0.3 mA <0.25% <75mA <200mA 125-350kHz A Q20-5 0 to 5V 0 to 2,000V 0.25 mA <0.25% <100mA <200mA 150-350kHz A Q20N-5 0 to 5V 0 to -2,000V 0.25 mA <0.25% <100mA <200mA 150-350kHz A Q30-5 0 to 5V 0 to 3,000V 0.16mA <0.50% <100mA <200mA 100-225kHz A Q30N-5 0 to 5V 0 to -3,000V 0.16mA <0.50% <100mA <200mA 125-275kHz B Q40-5 0 to 5V 0 to 4000V 0.125mA <0.50% <175mA <300mA 125-275kHz B Q40N-5 0 to 5V 0 to -4000V 0.125mA <0.50% <175mA <300mA 125-275kHz B Q50-5 0 to 5V 0 to 5000V 0.100mA <0.50% <250mA <400mA 200-350kHz B Q50N-5 0 to 5V 0 to -5000V 0.100mA <0.50% <250mA <400mA 200-350kHz B Q60-5 0 to 5V 0 to 6000V 83µA <1.00% <175mA <250mA 50-100kHz B Q60N-5 0 to 5V 0 to -6000V 83µA <1.00% <175mA <250mA 50-100kHz C Q80-5 0 to 5V 0 to 8000V 62.5µA <1.00% <175mA <250mA 50-100kHz C Q80N-5 0 to 5V 0 to -8000V 62.5µA <1.00% <175mA <250mA 50-100kHz C Q101-5 0 to 5V 0 to 10,000V 50µA <1.00% <175mA <250mA 50-75kHz C Q101N-5 0 to 5V 0 to -10,000V 50µA <1.00% <175mA <250mA 50-75kHz C * Note: - 1. At Maximum Rated Output Voltage. 2. Output Voltage is load dependent. |
Số phần tương tự - Q02-5 |
|
Mô tả tương tự - Q02-5 |