công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5271CVM100 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5271CVM100
Giải thích chi tiết về linh kiện  Integrated Microprocessor Hardware Specification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5271CVM100 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCF5271CVM100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5271CVM100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5271CVM100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5271CVM100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5271CVM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5271CVM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5271CVM100 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5271CVM100 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5271CVM100 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 4
Design Recommendations
Freescale Semiconductor
8
5
Design Recommendations
5.1
Layout
Use a 4-layer printed circuit board with the VDD and GND pins connected directly to the power
and ground planes for the MCF5271.
See application note AN1259, System Design and Layout Techniques for Noise Reduction in
Processor-Based Systems.
Match the PC layout trace width and routing to match trace length to operating frequency and board
impedance. Add termination (series or therein) to the traces to dampen reflections. Increase the
PCB impedance (if possible) keeping the trace lengths balanced and short. Then do cross-talk
analysis to separate traces with significant parallelism or are otherwise "noisy". Use 6 mils trace
and separation. Clocks get extra separation and more precise balancing.
5.2
Power Supply
•33
μF, 0.1 μF, and 0.01 μF across each power supply
Test
TEST
I
19
F5
PLL_TEST
I
Power Supplies
VDDPLL
I
87
M13
VSSPLL
I
84
L14
OVDD
I
1, 18, 32, 41, 55,
69, 81, 94, 105,
114, 128, 138,
145
E5, E7, E10, F7,
F9, G6, G8, H7,
H8, H9, J6, J8,
J10, K5, K6, K8
VSS
I
17, 31, 40, 54,
67, 80, 88, 93,
104, 113, 127,
137, 144, 160
A1, A14, E6, E9,
F6, F8, F10, G7,
G9, H6, J5, J7,
J9, K7, P1, P14
VDD
I
16, 53, 103
D6, F11, G4, L4
1 Refers to pin’s primary function. All pins which are configurable for GPIO have a pullup enabled
in GPIO mode with the exception of PBUSCTL[7], PBUSCTL[4:0], PADDR, PBS, PSDRAM.
2 If JTAG_EN is asserted, these pins default to Alternate 1 (JTAG) functionality. The GPIO module
is not responsible for assigning these pins.
Table 2. MCF5270 and MCF5271 Signal Information and Muxing (continued)
Signal Name
GPIO
Alternate 1 Alternate 2 Dir.1
MCF5270
MCF5271
160 QFP
MCF5270
MCF5271
196 MAPBGA


Số phần tương tự - MCF5271CVM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5271CVM100 FREESCALE-MCF5271CVM100 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
More results

Mô tả tương tự - MCF5271CVM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com