công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5270VM100 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5270VM100
Giải thích chi tiết về linh kiện  Integrated Microprocessor Hardware Specification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5270VM100 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF5270VM100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5270VM100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5270VM100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5270VM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5270VM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5270VM100 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5270VM100 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5270VM100 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5270VM100 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Design Recommendations
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 4
Freescale Semiconductor
9
5.2.1
Supply Voltage Sequencing and Separation Cautions
Figure 2 shows situations in sequencing the I/O VDD (OVDD), PLL VDD (VDDPLL), and Core VDD (VDD).
OVDD is specified relative to VDD.
Figure 2. Supply Voltage Sequencing and Separation Cautions
5.2.1.1
Power Up Sequence
If OVDD is powered up with VDD at 0 V, then the sense circuits in the I/O pads cause all pad output drivers
connected to the OVDD to be in a high impedance state. There is no limit on how long after OVDD powers
up before VDD must power up. VDD should not lead the OVDD or VDDPLL by more than 0.4 V during
power ramp-up, or there will be high current in the internal ESD protection diodes. The rise times on the
power supplies should be slower than 1
μs to avoid turning on the internal ESD protection clamp diodes.
The recommended power up sequence is as follows:
1. Use 1 ms or slower rise time for all supplies.
2. VDD and OVDD/VDDPLL should track up to 0.9 V, then separate for the completion of ramps with
OVDD going to the higher external voltages. One way to accomplish this is to use a low drop-out
voltage regulator.
5.2.1.2
Power Down Sequence
If VDD is powered down first, then sense circuits in the I/O pads cause all output drivers to be in a high
impedance state. There is no limit on how long after VDD powers down before OVDD/VDDPLL must power
down. VDD should not lag OVDD or VDDPLL going low by more than 0.4 V during power down or there
Supplies Stable
2
1
3.3V
2.5V
1.5V
0
Time
Notes:
VDD should not exceed OVDD or VDDPLL by more than 0.4 V
at any time, including power-up.
Recommended that VDD should track OVDD/VDDPLL up to
0.9 V, then separate for completion of ramps.
Input voltage must not be greater than the supply voltage (OVDD,
VDD, or VDDPLL) by more than 0.5 V at any time, including during power-up.
Use 1 ms or slower rise time for all supplies.
1.
2.
3.
4.
VDD
OVDD, VDDPLL


Số phần tương tự - MCF5270VM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5270VM100 FREESCALE-MCF5270VM100 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
More results

Mô tả tương tự - MCF5270VM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com