công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08QG4CDTE bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC9S08QG4CDTE bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 314 page 8-Bit HCS08 Central Processor Unit (CPU) • 20-MHz HCS08 CPU (central processor unit) • HC08 instruction set with added BGND instruction • Background debugging system • Breakpoint capability to allow single breakpoint setting during in-circuit debugging (plus two more breakpoints in on-chip debug module) • Debug module containing two comparators and nine trigger modes. Eight deep FIFO for storing change-of-flow addresses and event-only data Debug module supports both tag and force breakpoints • Support for up to 32 interrupt/reset sources Memory Options • FLASH read/program/erase over full operating voltage and temperature • MC9S08QG8 — 8 Kbytes FLASH, 512 bytes RAM MC9S08QG4 — 4 Kbytes FLASH, 256 bytes RAM Power-Saving Modes • Wait plus three stops Clock Source Options • ICS — Internal clock source module containing a frequency-locked-loop (FLL) controlled by internal or external reference; precision trimming of internal reference allows 0.2% resolution and 2% deviation over temperature and voltage; supports bus frequencies from 1 MHz to 10 MHz • XOSC — Low-power oscillator module with software selectable crystal or ceramic resonator range, 31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz, and supports external clock source input up to 20 MHz System Protection • Watchdog computer operating properly (COP) reset with option to run from dedicated 1-kHz internal clock source or bus clock • Low-voltage detection with reset or interrupt • Illegal opcode detection with reset • Illegal address detection with reset • FLASH block protect Peripherals • ADC — 8-channel, 10-bit analog-to-digital converter with automatic compare function, asynchronous clock source, temperature sensor, and internal bandgap reference channel; ADC is hardware triggerable using the RTI counter • ACMP — Analog comparator module with option to compare to internal reference; output can be optionally routed to TPM module • SCI — Serial communications interface module with option for 13-bit break capabilities • SPI — Serial peripheral interface module • IIC — Inter-integrated circuit bus module • TPM— 2-channel timer/pulse-width modulator; each channel can be used for input capture, output compare, buffered edge-aligned PWM, or buffered center-aligned PWM • MTIM — 8-bit modulo timer module with 8-bit prescaler • KBI — 8-pin keyboard interrupt module with software selectable polarity on edge or edge/level modes Input/Output • 12 general-purpose input/output (I/O) pins, one input-only pin and one output-only pin; outputs 10 mA each, 60 mA max for package • Software selectable pullups on ports when used as input • Software selectable slew rate control and drive strength on ports when used as output • Internal pullup on RESET and IRQ pins to reduce customer system cost Development Support • Single-wire background debug interface • On-chip, in-circuit emulation (ICE) with real-time bus capture Package Options • 24-pin quad flat no lead (QFN) package • 16-pin plastic dual in-line package (PDIP) — MC9S08QG8 only • 16-pin quad flat no lead (QFN) package • 16-pin thin shrink small outline package (TSSOP) • 8-pin dual flat no lead (DFN) package • 8-pin PDIP — MC9S08QG4 only • 8-pin narrow body small outline integrated circuit (SOIC) package MC9S08QG8/4 Features |
Số phần tương tự - MC9S08QG4CDTE |
|
Mô tả tương tự - MC9S08QG4CDTE |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |