công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5233CVM100 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5233CVM100
Giải thích chi tiết về linh kiện  Integrated Microprocessor Hardware Specification
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5233CVM100 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF5233CVM100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Design Recommendations
MCF523x Integrated Microprocessor Hardware Specification, Rev. 4
Freescale Semiconductor
11
5.2.1.2
Power Down Sequence
If VDD is powered down first, then sense circuits in the I/O pads cause all output drivers to be in a high
impedance state. There is no limit on how long after VDD powers down before OVDD/VDDPLL must power
down. VDD should not lag OVDD or VDDPLL going low by more than 0.4 V during power down or there
will be undesired high current in the ESD protection diodes. There are no requirements for the fall times
of the power supplies.
The recommended power down sequence is as follows:
1. Drop VDD to 0 V.
2. Drop OVDD/VDDPLL supplies.
5.3
Decoupling
Place the decoupling caps as close to the pins as possible, but they can be outside the footprint of
the package.
0.1
μF and 0.01 μF at each supply input
5.4
Buffering
Use bus buffers on all data/address lines for all off-board accesses and for all on-board accesses
when excessive loading is expected. See Section 7, “Electrical Characteristics.”
5.5
Pull-up Recommendations
Use external pull-up resistors on unused inputs. See pin table.
5.6
Clocking Recommendations
Use a multi-layer board with a separate ground plane.
Place the crystal and all other associated components as close to the EXTAL and XTAL (oscillator
pins) as possible.
Do not run a high frequency trace around crystal circuit.
Ensure that the ground for the bypass capacitors is connected to a solid ground trace.
Tie the ground trace to the ground pin nearest EXTAL and XTAL. This prevents large loop currents
in the vicinity of the crystal.
Tie the ground pin to the most solid ground in the system.
Do not connect the trace that connects the oscillator and the ground plane to any other circuit
element. This tends to make the oscillator unstable.
Tie XTAL to ground when an external oscillator is clocking the device.


Số phần tương tự - MCF5233CVM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5233CVM100 FREESCALE-MCF5233CVM100 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
More results

Mô tả tương tự - MCF5233CVM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com