công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5233CVM100 bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5233CVM100
Giải thích chi tiết về linh kiện  Integrated Microprocessor Hardware Specification
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5233CVM100 bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF5233CVM100 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5233CVM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MCF5235EC
Rev. 4, 08/2009
Contents
© Freescale Semiconductor, Inc., 2009. All rights reserved.
The MCF523x is a family of highly-integrated 32-bit
microcontrollers based on the V2 ColdFire
microarchitecture. Featuring a 16 or 32 channel eTPU,
64 Kbytes of internal SRAM, a 2-bank SDRAM
controller, four 32-bit timers with dedicated DMA, a 4
channel DMA controller, up to 2 CAN modules, 3
UARTs and a queued SPI, the MCF523x family has been
designed for general purpose industrial control
applications. It is also a high-performance upgrade for
users of the MC68332. This document provides an
overview of the MCF523x microcontroller family, as
well as detailed descriptions of the mechanical and
electrical characteristics of the devices.
The MCF523x family is based on the Version 2 ColdFire
reduced instruction set computing (RISC)
microarchitecture operating at a core frequency of up to
150 MHz and bus frequency up to 75 MHz.
1
MCF523x Family Configurations . . . . . . . . . . . . . . . . . . . 2
2
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Signal Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Design Recommendations . . . . . . . . . . . . . . . . . . . . . . . 9
6
Mechanicals/Pinouts and Part Numbers . . . . . . . . . . . . 14
7
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23
8
Documentation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
9
Document Revision History . . . . . . . . . . . . . . . . . . . . . . 45
MCF523x Integrated
Microprocessor
Hardware Specification
by: Microcontroller Solutions Group


Số phần tương tự - MCF5233CVM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5233CVM100 FREESCALE-MCF5233CVM100 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
More results

Mô tả tương tự - MCF5233CVM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com