công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34825 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC34825
Giải thích chi tiết về linh kiện  Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34825 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34825 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34825 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34825
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
1.4
1.6
1.8
2.0
2.2
Temperature =85°C
Temperature =25°C
Temperature = -40°C
Input Voltage ( V)
Figure 4. SPK Switch On Resistance vs Input Voltage
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
2.0
2.5
3.0
3.5
4.0
4.5
Temperature = 85°C
Temperature = 25°C
Temperature = -40°C
Input Voltage ( V)
Figure 5. USB Switch On Resistance vs Input Voltage
0.00.51.0 1.52.02.5 3.03.5
20
25
30
35
40
45
Temperature = 85°C
Temperature = 25°C
Temperature = -40°C
Input Voltage ( V)
Figure 6. UART Switch On Resistance vs Input Voltage
1.8
1.9
2.0
2.1
2.2
2.3
40
50
60
70
80
90
Temperature = 85°C
Temperature = 25°C
Input Voltage ( V)
Temperature = -40°C
Figure 7. MIC Switch On Resistance vs Input Voltage
2.53.03.54.04.55.05.5
8.6
8.8
9.0
9.2
9.4
9.6
VDD Voltage ( V)
Figure 8. VDD Supply Current vs Supply Voltage in
Standby Mode
-40
-20
0
20406080
7
8
9
10
11
Temperature ( °C)
Figure 9. VDD Supply Current vs Temperature In
Standby Mode


Số phần tương tự - MC34825

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3481 MOTOROLA-MC3481 Datasheet
246Kb / 5P
   QUAD SINGLE ENDED LINE DRIVER
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
More results

Mô tả tương tự - MC34825

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
34825 FREESCALE-34825_10 Datasheet
971Kb / 39P
   Micro-USB Interface IC
logo
Teridian Semiconductor ...
73S8009CN TERIDIAN-73S8009CN Datasheet
355Kb / 30P
   Combo ISO-7816 and USB Universal Smart Card Interface IC
logo
SHENZHEN FUMAN ELECTRON...
FM100 FUMAN-FM100 Datasheet
292Kb / 9P
   Fast charging interface IC
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
   Interface control chip supporting QC2.0 fast charging protocol
logo
ETA SOLUTIONS CO. LIMIT...
ETA2831 ETA-ETA2831 Datasheet
152Kb / 1P
   36V Input, 3.5A output USB Charging Total Solution IC in QFN3x3-16
logo
SHENZHEN FUMAN ELECTRON...
FM6808 FUMAN-FM6808 Datasheet
672Kb / 8P
   USB charging interface intelligent control chip
FM6600B FUMAN-FM6600B Datasheet
276Kb / 8P
   USB charging interface intelligent control chip
logo
List of Unclassifed Man...
ZR36504 ETC1-ZR36504 Datasheet
298Kb / 74P
   Video & Audio Interface solution via USB
logo
Ultralife Corporation.
CH0006 ULTRALIFE-CH0006 Datasheet
184Kb / 2P
   Vehicle charging solution
02 MAY 17 Rev: F
logo
Monolithic Power System...
MP5030C MPS-MP5030C Datasheet
900Kb / 17P
   USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com