công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1E-SFP08 bảng dữ liệu(PDF) 8 Page - Teridian Semiconductor Corporation

tên linh kiện STM1E-SFP08
Giải thích chi tiết về linh kiện  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TERIDIAN [Teridian Semiconductor Corporation]
Trang chủ  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

STM1E-SFP08 bảng dữ liệu(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button STM1E-SFP08 Datasheet HTML 4Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 5Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 6Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 7Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 8Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 9Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 10Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 11Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 8 -
August 2008 v2-2
RECEIVER SPECIFICATIONS FOR CMI (COAX) INTERFACE
The input signal is assumed compliant with ITU-T G.703 and can be attenuated by the dispersive loss of a
cable. The minimum cable loss is 0dB and the maximum is –12.7dB at 78MHz.
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Flat-loss Tolerance
0 to 12.7dB cable (loss) attenuation
-2
4
dB
Latency
5
10
UI
DLL Lock Time
1
10
µs
Return Loss
7MHz to 240MHz
15
dB
RECEIVER JITTER TOLERANCE
The STM1E-SFPxx exceeds all relevant jitter tolerance specifications shown in Figure 10. Receive jitter
tolerance is not tested during production test.
0.01
0.1
1
10
100
1.E+00
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
155Mbps Electrical (CMI) Interfaces
G.825 - STM-1e Tolerance
(for 2048 kbps networks)
G.825 - STM-1e Tolerance
(for 1544 kbps networks)
Jitter Frequency
Figure 10: Jitter Tolerance - electrical (CMI) interfaces
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
10Hz to 19.3Hz
38.9
UIpp
19.3Hz to 500Hz
750 f-1
µs
500Hz to 6.5kHz
1.5
UIpp
6.5kHz to 65kHz
9800 f-1
µs
STM-1e Jitter Tolerance
65kHz to 1.3MHz
0.15
0.30
UIpp


Số phần tương tự - STM1E-SFP08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001 STMICROELECTRONICS-STM1001 Datasheet
243Kb / 14P
   Reset Circuit
STM1001L STMICROELECTRONICS-STM1001L Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001L STMICROELECTRONICS-STM1001L Datasheet
243Kb / 14P
   Reset Circuit
STM1001LWX6F STMICROELECTRONICS-STM1001LWX6F Datasheet
185Kb / 13P
   Reset Circuit
November 2004
More results

Mô tả tương tự - STM1E-SFP08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Linear Corporatio...
ML6674 MICRO-LINEAR-ML6674 Datasheet
166Kb / 8P
   ATM 155Mbps UTP Transceiver
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
logo
List of Unclassifed Man...
ATR-S0105 ETC1-ATR-S0105 Datasheet
185Kb / 5P
   155Mbps Single Mode SFP Transceiver (80km)
logo
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-3001C-SL15G SOURCE-FTM-3001C-SL15G Datasheet
251Kb / 11P
   155Mbps SFP Transceiver with Spring Latch
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FWLF1523P1X51 FINISAR-FWLF1523P1X51 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
FWLF1523P151 FINISAR-FWLF1523P151 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
logo
Broadcom Corporation.
BCM5424 BOARDCOM-BCM5424 Datasheet
130Kb / 1P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com