công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1E-SFP08 bảng dữ liệu(PDF) 3 Page - Teridian Semiconductor Corporation

tên linh kiện STM1E-SFP08
Giải thích chi tiết về linh kiện  155Mbps Copper Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TERIDIAN [Teridian Semiconductor Corporation]
Trang chủ  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

STM1E-SFP08 bảng dữ liệu(HTML) 3 Page - Teridian Semiconductor Corporation

  STM1E-SFP08 Datasheet HTML 1Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 2Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 3Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 4Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 5Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 6Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 7Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 8Page - Teridian Semiconductor Corporation STM1E-SFP08 Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STM1E-SFPxx 155Mbps Copper Transceiver
Final Datasheet
STM1E-SFPxx Datasheet
- 3 -
August 2008 v2-2
Serial ID Interface
The STM1E-SFPxx supports the 2-wire serial EEPROM protocol for the ATMEL AT24C01 as defined by the MSA.
The serial interface provides access to identification information. The memory is organized as byte wide data
words that can be addresses individually or sequentially at device address 1010000X (A0h).
Special Design Considerations for Using STM1E-SFPxx Transceivers
Host enclosures that use SFP devices should provide appropriate clearances between the SFP transceivers to
allow room for the larger width of the 1.0/2.3 mini-coax front end. For most systems a nominal centerline-to-
centerline spacing of 16.25mm (0.640”) is sufficient, but preferred coax cable types and routing clearances may
require additional spacing.
NOTE: To accommodate the preferred Type D coax coupling and cable types, the width of the nosepiece
or front end was designed to exceed the MSA requirements of 13.7mm (+/- 0.1).
o
Reference INF-8074 [Appendix A, Table 1, Designator A] for MSA recommendations
o
Reference Mechanical Drawings section for STM1E-SFPxx transceiver dimensions.
The SFP transceiver insertion slot should be clear of nearby moldings and covers that might block convenient
access to the unique latching mechanism used in the STM1E-SFPxx. A bail-style de-latch was not feasible with a
coaxial network interface so a simple push button actuator was employed. Detaching the coax cable from the
STM1E-SFPxx is not required for de-latching the transceiver from the host card.
NOTES:
1. In order to secure the larger push button de-latch mechanism, the length of the bottom of the
transceiver exceeds the maximum MSA requirements of 2.0mm.
o
Reference INF-8074 [Appendix A, Table 1, Designator Y] for MSA recommendations
o
Reference Mechanical Drawings section for STM1E-SFPxx transceiver dimensions.
2. Note: Double-sided board mounting is generally not recommended due to the limited clearance
for de-latching the STM1E-SFPxx transceiver.


Số phần tương tự - STM1E-SFP08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001 STMICROELECTRONICS-STM1001 Datasheet
243Kb / 14P
   Reset Circuit
STM1001L STMICROELECTRONICS-STM1001L Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001L STMICROELECTRONICS-STM1001L Datasheet
243Kb / 14P
   Reset Circuit
STM1001LWX6F STMICROELECTRONICS-STM1001LWX6F Datasheet
185Kb / 13P
   Reset Circuit
November 2004
More results

Mô tả tương tự - STM1E-SFP08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Linear Corporatio...
ML6674 MICRO-LINEAR-ML6674 Datasheet
166Kb / 8P
   ATM 155Mbps UTP Transceiver
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
logo
List of Unclassifed Man...
ATR-S0105 ETC1-ATR-S0105 Datasheet
185Kb / 5P
   155Mbps Single Mode SFP Transceiver (80km)
logo
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-3001C-SL15G SOURCE-FTM-3001C-SL15G Datasheet
251Kb / 11P
   155Mbps SFP Transceiver with Spring Latch
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FWLF1523P1X51 FINISAR-FWLF1523P1X51 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
FWLF1523P151 FINISAR-FWLF1523P151 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
logo
Broadcom Corporation.
BCM5424 BOARDCOM-BCM5424 Datasheet
130Kb / 1P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com