công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33937EK/R2 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33937EK/R2
Giải thích chi tiết về linh kiện  Three Phase Field Effect Transistor Pre-driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33937EK/R2 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33937EK/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33937
PIN CONNECTIONS
45
PA_LS_G
Power Output Phase A Low Side Gate
Drive
Gate Drive for output Phase A Low Side
46
PA_HS_S
Power Input
Phase A High Side
Source
Source connection for Phase A High Side FET
47
PA_HS_G
Power Output
Phase A High Side
Gate Drive
Gate Drive for output Phase A High Side
48
PA_BOOT
Analog Input
Phase A Bootstrap
Bootstrap capacitor for Phase A
51
VLS
Analog Output
VLS Regulator
VLS regulator output. Power supply for the gate drives
54
VPWR
Power Input
Voltage Power
Power supply input for gate drives
EP
Ground
Exposed Pad
Device will perform as specified with the Exposed Pad un-terminated
(floating) however, it is recommended that the Exposed Pad be terminated
to pin 29 (VSS) and system ground
Table 2. 33937 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 23.
Pin
Pin Name
Pin Function
Formal Name
Definition


Số phần tương tự - MCZ33937EK/R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33937EK/R2 FREESCALE-MCZ33937EK/R2 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
More results

Mô tả tương tự - MCZ33937EK/R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com