công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZP94 bảng dữ liệu(PDF) 2 Page - Arizona Microtek, Inc

tên linh kiện AZP94
Giải thích chi tiết về linh kiện  ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AZM [Arizona Microtek, Inc]
Trang chủ  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP94 bảng dữ liệu(HTML) 2 Page - Arizona Microtek, Inc

  AZP94_09 Datasheet HTML 1Page - Arizona Microtek, Inc AZP94_09 Datasheet HTML 2Page - Arizona Microtek, Inc AZP94_09 Datasheet HTML 3Page - Arizona Microtek, Inc AZP94_09 Datasheet HTML 4Page - Arizona Microtek, Inc AZP94_09 Datasheet HTML 5Page - Arizona Microtek, Inc AZP94_09 Datasheet HTML 6Page - Arizona Microtek, Inc AZP94_09 Datasheet HTML 7Page - Arizona Microtek, Inc AZP94_09 Datasheet HTML 8Page - Arizona Microtek, Inc AZP94_09 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AZP94
June 2009 Rev - 6
www.azmicrotek.com
2
MLP 8, 2x2 mm Package (AZP94NA)
The AZP94NA provides a VBB with an 1880Ω internal bias resistor from D to VBB. This feature allows AC
coupling with minimal external components. The VBB pin supports 1.5mA sink/source current and should be
bypassed to ground or VCC with a 0.01 μF capacitor.
TYPICAL TRISTATE COMPATIBLE OPERATION
Tristate Compatible Operation
The outputs of the AZP94 are emitter followers as shown in the left side of the drawing. When a part is
disabled, both outputs are set in the LOW state. This allows a HIGH output from an enabled part to override a
disabled output and pull the combined line HIGH as seen in the right hand side of the drawing. When the enabled
part output is LOW, the combined line remains LOW.
If all connected AZP94 parts are disabled, both output lines will be in the LOW state.
NOTE: The specifications in the ECL/PECL tables are valid when thermal equilibrium has been established.


Số phần tương tự - AZP94_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZP94NAG AZM-AZP94NAG Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94NAG AZM-AZP94NAG Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94XP AZM-AZP94XP Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
More results

Mô tả tương tự - AZP94_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com