công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZP92NAG bảng dữ liệu(PDF) 4 Page - Arizona Microtek, Inc

tên linh kiện AZP92NAG
Giải thích chi tiết về linh kiện  ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AZM [Arizona Microtek, Inc]
Trang chủ  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP92NAG bảng dữ liệu(HTML) 4 Page - Arizona Microtek, Inc

  AZP92NAG Datasheet HTML 1Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 2Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 3Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 4Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 5Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 6Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 7Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 8Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AZP92
June 2009 REV - 9
www.azmicrotek.com
4
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +6.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-6.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
IHGOUT
Output Current
— Continuous
— Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
100K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage1
-1085
-880
-1025
-880
-1025
-880
-1025
-880
mV
VOL
Output LOW Voltage1
-1900
-1555
-1900
-1620
-1900
-1620
-1900
-1620
mV
VIH
Input HIGH Voltage
D/D
¯, EN (ECL)2
EN (CMOS)3
-1165
VEE+2000
-390
VCC
-1165
VEE+2000
-390
VCC
-1165
VEE+2000
-390
VCC
-1165
VEE+2000
-390
VCC
mV
VIL
Input LOW Voltage
D/D
¯, EN (ECL)2
EN (CMOS)3
-2250
VEE
-1475
VEE + 800
-2250
VEE
-1475
VEE + 800
-2250
VEE
-1475
VEE + 800
-2250
VEE
-1475
VEE + 800
mV
VBB
Reference Voltage
-1390
-1250
-1390
-1250
-1390
-1250
-1390
-1250
mV
IIH
Input HIGH Current EN
150
150
150
150
μA
IIL
Input LOW Current
EN (ECL)2
EN (CMOS)3
0.5
-150
0.5
-150
0.5
-150
0.5
-150
μA
IEE
Power Supply Current4
31
31
31
34
mA
1.
Specified with outputs terminated through 50
Ω resistors to VCC - 2V.
2.
EN-SEL connected to VEE through a 20kΩ resistor.
3.
EN-SEL connected VEE or left open (NC).
4.
DIV-SEL left open (NC).
100K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage1,2
2215
2420
2275
2420
2275
2420
2275
2420
mV
VOL
Output LOW Voltage1,2
1400
1745
1400
1680
1400
1680
1400
1680
mV
VIH
Input HIGH Voltage1
D/D
¯ , EN (PECL)3
EN (CMOS)4
2135
2000
2910
VCC
2135
2000
2910
VCC
2135
2000
2910
VCC
2135
2000
2910
VCC
mV
VIL
Input LOW Voltage1
D/D
¯ , EN (PECL)3
EN (CMOS)4
1050
GND
1825
800
1050
GND
1825
800
1050
GND
1825
800
1050
GND
1825
800
mV
VBB
Reference Voltage1
1910
2050
1910
2050
1910
2050
1910
2050
mV
IIH
Input HIGH Current EN
150
150
150
150
μA
IIL
Input LOW Current
EN (PECL)3
EN (CMOS)4
0.5
-150
0.5
-150
0.5
-150
0.5
-150
μA
IEE
Power Supply Current5
31
31
31
34
mA
1.
For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value.
2.
Specified with outputs terminated through 50
Ω resistors to VCC - 2V.
3.
EN-SEL connected to VEE through a 20kΩ resistor.
4.
EN-SEL connected VEE or left open (NC).
5.
DIV-SEL left open (NC).


Số phần tương tự - AZP92NAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AZP92NAG ETC1-AZP92NAG Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92NAG AZM-AZP92NAG Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results

Mô tả tương tự - AZP92NAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com