công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZP51SG bảng dữ liệu(PDF) 1 Page - Arizona Microtek, Inc

tên linh kiện AZP51SG
Giải thích chi tiết về linh kiện  Low Phase Noise Sine Wave to LVPECL Buffer/Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AZM [Arizona Microtek, Inc]
Trang chủ  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP51SG bảng dữ liệu(HTML) 1 Page - Arizona Microtek, Inc

  AZP51SG Datasheet HTML 1Page - Arizona Microtek, Inc AZP51SG Datasheet HTML 2Page - Arizona Microtek, Inc AZP51SG Datasheet HTML 3Page - Arizona Microtek, Inc AZP51SG Datasheet HTML 4Page - Arizona Microtek, Inc AZP51SG Datasheet HTML 5Page - Arizona Microtek, Inc AZP51SG Datasheet HTML 6Page - Arizona Microtek, Inc AZP51SG Datasheet HTML 7Page - Arizona Microtek, Inc AZP51SG Datasheet HTML 8Page - Arizona Microtek, Inc AZP51SG Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AZP51
AZP52
AZP53
AZP54
Low Phase Noise Sine Wave to LVPECL Buffer/Divider
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (623) 505-2414
www.azmicrotek.com
ARIZONA MICROTEK, INC.
PACKAGE AVAILABILITY
BASE PART
PACKAGE
PART NO.
MARKING
NOTES
AZP51 (÷1)
SC-70 Green /
RoHS Compliant /
Lead (Pb) Free
AZP51SG
D1G
<Date Code>
1,2
AZP52 (÷2)
SC-70 Green /
RoHS Compliant /
Lead (Pb) Free
AZP52SG
D2G
<Date Code>
1,2
AZP53 (÷1,2)
QFN 8 (1.5x1.5
mm) Green / RoHS
Compliant / Lead
(Pb) Free
AZP53PG
D3
<Date Code>
1,3
AZP54 (÷1)
SOT-23 Green /
RoHS Compliant /
Lead (Pb) Free
AZP54VG
D4G
<Date Code>
1,2
1
Add R1 at end of part number for 7 inch , R2 for 13 inch Tape & Reel.
2
Date code format: “Y” for year followed by “WW” for week.
3
See Arizona Microtek web site for date code format.
FEATURES
3.0 to 3.6 V
operating supply
range
LVPECL Outputs
Optimized for
Low Phase Noise
Frequency Input
to >650 MHz
QFN 8 (1.5x1.5
mm), SC-70 or
SOT-23 packages
All Packages
Green / RoHS
Compliant / Lead
(Pb) Free
DESCRIPTION
The AZP51 series is a family of sine wave to LVPECL buffers optimized for low phase noise. It is particularly
useful in converting sine wave crystal or SAW based oscillator outputs into LVPECL outputs. The IC also includes
an optional ÷2 function to provide better frequency range coverage when using a SAW based oscillator.
The D input is internally biased to VDD/2. A sine wave input of at least 750 mv p-p ensures the AZP51 series
meets its AC specifications. This input (D) should be capacitively coupled from the oscillator stage to ensure best
output duty cycle.
AZP51S (÷1), AZP52S (÷2), SC-70 Package
The Enable input (EN) is active high with an internal pullup. When EN is high or not connected, the outputs
(Q,Q
¯ ) are active. When EN is low, Q and Q
¯ are disabled in a high impedance (tri-state) condition. Refer to the
Functional Operation table for more information.
AZP53P (÷1, ÷2), QFN 8 1.5x1.5mm Package
The EN_SEL input selects the operational polarity for the EN input, so the EN input can be set to active high or
active low operation. Refer to the Functional Operation table for more information.


Số phần tương tự - AZP51SG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZP51SG AZM-AZP51SG Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

Mô tả tương tự - AZP51SG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com