công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MJ1001 bảng dữ liệu(PDF) 1 Page - Comset Semiconductor |
|
MJ1001 bảng dữ liệu(HTML) 1 Page - Comset Semiconductor |
1 / 4 page MJ900 – MJ901 PNP MJ1000 – MJ1001 NPN Page 1 of 4 ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit MJ900 MJ1000 60 VCBO Collector-Base Voltage MJ901 MJ1001 80 Vdc MJ900 MJ1000 60 VCEO Collector-EmitterVoltage IB=0 MJ901 MJ1001 80 Vdc MJ900 MJ1000 VEBO Emitter-Base Voltage MJ901 MJ1001 5.0 Vdc MJ900 MJ1000 IC Collector Current IC(RMS) MJ901 MJ1001 8.0 Adc The MJ900, MJ901, MJ1000 and MJ1001 are silicon epitaxial-bas transistors in monolithic Darlington configuration, and are mounted in JEDEC TO-3 metal case. They are intended for use in power linear and switching applications. PNP types are the MJ900 and MJ901, and their complementary NPN types are the MJ1000 and MJ1001 respectively. COMPLEMENTARY POWER DARLINGTONS |
Số phần tương tự - MJ1001 |
|
Mô tả tương tự - MJ1001 |