công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5542ASRUZ bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD5542ASRUZ
Giải thích chi tiết về linh kiện  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5542ASRUZ bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD5542ASRUZ Datasheet HTML 1Page - Analog Devices AD5542ASRUZ Datasheet HTML 2Page - Analog Devices AD5542ASRUZ Datasheet HTML 3Page - Analog Devices AD5542ASRUZ Datasheet HTML 4Page - Analog Devices AD5542ASRUZ Datasheet HTML 5Page - Analog Devices AD5542ASRUZ Datasheet HTML 6Page - Analog Devices AD5542ASRUZ Datasheet HTML 7Page - Analog Devices AD5542ASRUZ Datasheet HTML 8Page - Analog Devices AD5542ASRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Preliminary Technical Data
AD5541A/AD5542A/AD5512AA
Rev. P
rA | Page 5 of 24
Parameter
Min
Typ
Max
Unit
Test Condition
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD
200
TBD
µA
VLOGIC
1.8
5.5
V
ILOGIC
200
TBD
µA
Power Dissipation
1.5
TBD
mW
1 Reference input resistance is code-dependent, minimum at 0x8555.
2 Guaranteed by design, not subject to production test.
TIMING CHARACTERISTICS
VLOGIC = 1.8 V to 5.5 V V, VDD = 5V, VREF = 2.5 V, VINH = 90% of VLOGIC, VINL = 10% of VLOGIC, AGND = DGND = 0 V; −40°C < TA < +105°C,
unless otherwise noted.
Table 2.
Parameter1, 2
Limit
Unit
Description
fSCLK
50
MHz max
SCLK cycle frequency
t1
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
5
ns min
CS low to SCLK high setup
t5
7
ns min
CS high to SCLK high setup
t6
15
ns min
SCLK high to CS low hold time
t7
10
ns min
SCLK high to CS high hold time
t8
7
ns min
Data setup time
t9
5
ns min
Data hold time (VINH = 90% of VDD, VINL = 10% of VDD)
t9
5
ns min
Data hold time (VINH = 3V, VINL = 0 V)
t10
15
ns min
LDAC pulsewidth
t11
15
ns min
CS high to LDAC low setup
t12
15
ns min
CS high time between active periods
t13
15
ns min
CLR pulsewidth
1 Guaranteed by design and characterization. Not production tested
2 All input signals are specified with tR = tF = 1 ns/V and timed from a voltage level of (VINL + VINH)/2.
Figure 5. Timing Diagram


Số phần tương tự - AD5542ASRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5542A AD-AD5542A Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5542A AD-AD5542A Datasheet
599Kb / 28P
   System Ready, 18-Bit 짹1 LSB INL
REV. C
AD5542A AD-AD5542A Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5542A AD-AD5542A Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD5542A AD-AD5542A Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
More results

Mô tả tương tự - AD5542ASRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com