công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STi7108ZWA bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện STi7108ZWA
Giải thích chi tiết về linh kiện  Advanced HD AVC decoder with 3D graphics acceleration
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STi7108ZWA bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button STi7108ZWA Datasheet HTML 2Page - STMicroelectronics STi7108ZWA Datasheet HTML 3Page - STMicroelectronics STi7108ZWA Datasheet HTML 4Page - STMicroelectronics STi7108ZWA Datasheet HTML 5Page - STMicroelectronics STi7108ZWA Datasheet HTML 6Page - STMicroelectronics STi7108ZWA Datasheet HTML 7Page - STMicroelectronics STi7108ZWA Datasheet HTML 8Page - STMicroelectronics STi7108ZWA Datasheet HTML 9Page - STMicroelectronics STi7108ZWA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Introduction
STi7108
6/12
Doc ID 16790 Rev 1
Memory interfaces
Parallel external memory and peripheral interface (EMI):
16-bit data bus, five banks, addressing up to 64 MB per bank. 256 Mbytes total
EMI address range
Interface to Parallel NOR Flash, SLC NAND Flash, SRAM, and 8-,16-bit
Peripherals
Secure boot from NOR or NAND Flash
Supports ATAPI, DVB-CI and CI-Plus host interface protocols
High speed SPI interface:
Secure boot from Serial Flash
Post boot read/write of Serial Flash
Supports standard SPI, dual and quad I/O protocols
Dual -16, 32-bit DDR2/DDR3 local memory interfaces (LMIs), each up to 533 MHz
(DDR2/3-1066)
Connectivity
Triple USB 2.0 Host interfaces including PHYs
Two e-SATA HDD interfaces
32-bit, 33 MHz, PCI interface, shared on EMI with access interleaving possible
Two integrated Ethernet GMACs. Each supports: wake-on-LAN, multiple hardware
address filters, 10/100 MII/RMII, Turbo-MII up to 300 Mbits/sec and GMII up to
1000 Mbits/sec.
8-bit, 52 MHz, SD-MMC/SDIO interface for memory cards and eMMC:
V4.3 for eMMC flash support
SD HC V2.0 PART A2
Soft modem support: integrated MAFE: integrated system side DAA. (Si-Labs)
Transport and security
Front end transport stream pre-processor (STFE):
PID filtering and transport stream merging
Six external TS inputs
Four internal TS paths from memory
TS I/O routing for DVB-CI/CI-Plus, TS I/O routing for MultiStream CableCard with
stream merging/demerging
Aggregate TS processing > 480 Mbits/sec live input rate
Transport stream processor with security co-processor (STBE)
Multi-stream transport stream de-multiplexing from any source (Broadcast, IP
Network, DVR)
Section filtering and clock recovery
Supports CA vendors’ latest advanced security specifications
DVB/DES/TDES/AES/Multi-2/ICAM2.2 descrambling
ATIS-IIF and CI-Plus descrambling
Multi-stream AES/TDES encryption/decryption for local copy protection or network
DRM schemes including SVP, DTCP-IP, WMDRM, DVB-CPCM, DivX, Marlin


Số phần tương tự - STi7108ZWA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STI7108M STMICROELECTRONICS-STI7108M Datasheet
91Kb / 4P
   Advanced HD AVC decoder with 3D graphics acceleration and MoCA
More results

Mô tả tương tự - STi7108ZWA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STI7108M STMICROELECTRONICS-STI7108M Datasheet
91Kb / 4P
   Advanced HD AVC decoder with 3D graphics acceleration and MoCA
STIH416 STMICROELECTRONICS-STIH416 Datasheet
304Kb / 4P
   Advanced HD AVC processor with 3D graphics acceleration and ARM Cortex-A9 SMP CPU
STI7106 STMICROELECTRONICS-STI7106 Datasheet
215Kb / 13P
   Advanced HD decoder
logo
Cirrus Logic
CL-GD546X CIRRUS-CL-GD546X Datasheet
108Kb / 3P
   64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464)
logo
Axiomtek Co., Ltd.
AX12600 AXIOMTEK-AX12600 Datasheet
138Kb / 1P
   Direct 3D Acceleration
logo
STMicroelectronics
STIH205 STMICROELECTRONICS-STIH205 Datasheet
82Kb / 4P
   Advanced HD AVC processor with integrated low power standby controller
STIH207 STMICROELECTRONICS-STIH207 Datasheet
81Kb / 4P
   Advanced dual HD AVC processor with integrated low power standby controller
logo
Broadcom Corporation.
BCM7411 BOARDCOM-BCM7411 Datasheet
129Kb / 2P
   AVC/MPEG HIGH-DEFINITION DECODER
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
   CD GRAPHICS DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com