công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6550MAX bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMH6550MAX
Giải thích chi tiết về linh kiện  Differential, High Speed Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550MAX bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  LMH6550MAX Datasheet HTML 1Page - National Semiconductor (TI) LMH6550MAX Datasheet HTML 2Page - National Semiconductor (TI) LMH6550MAX Datasheet HTML 3Page - National Semiconductor (TI) LMH6550MAX Datasheet HTML 4Page - National Semiconductor (TI) LMH6550MAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6550MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6550MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6550MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6550MAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 5)
Human Body Model
2000V
Machine Model
200V
Supply Voltage
13.2V
Common Mode Input Voltage
±V
S
Maximum Input Current (pins 1, 2, 7, 8)
30 mA
Maximum Output Current (pins 4, 5)
(Note 3)
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
Operating Ratings (Note 1)
Operating Temperature Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Total Supply Voltage
4.5V to 12V
Package Thermal Resistance (
θ
JA) (Note 4)
8-Pin SOIC
150˚C/W
8-Pin MSOP
235˚C/W
±5V Electrical Characteristics (Note 2)
Single ended in differential out, T
A = 25˚C, AV= +1, VS = ±5V, VCM = 0V, RF =RG = 365
Ω,R
L = 500
Ω; Unless specified.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
AC Performance (Differential)
SSBW
Small Signal −3 dB Bandwidth
V
OUT = 0.5 VPP
400
MHz
LSBW
Large Signal −3 dB Bandwidth
V
OUT =2VPP
380
MHz
Large Signal −3 dB Bandwidth
V
OUT =4VPP
320
MHz
0.1 dB Bandwidth
V
OUT = 0.5 VPP
90
MHz
Slew Rate
4V Step (Note 6)
2000
3000
V/µs
Rise/Fall Time
2V Step
1
ns
Settling Time
2V Step, 0.1%
8
ns
V
CM Pin AC Performance (Common Mode Feedback Amplifier)
Common Mode Small Signal
Bandwidth
V
CM Bypass Capacitor Removed
210
MHz
Slew Rate
V
CM Bypass Capacitor Removed
200
V/µs
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
V
O =2VPP,f=5 MHz, RL = 800
−92
dBc
V
O =2VPP,f=20 MHz, RL = 800
−78
V
O =2VPP,f=70 MHz, RL = 800
−59
HD3
3
rd Harmonic Distortion
V
O =2VPP,f=5 MHz, RL = 800
−103
dBc
V
O =2VPP,f=20 MHz, RL = 800
−88
V
O =2VPP,f=70 MHz, RL = 800
−50
e
n
Input Referred Voltage Noise
f
≥ 1 MHz
6.0
nV/
i
n
Input Referred Noise Current
f
≥ 1 MHz
1.5
pA/
Input Characteristics (Differential)
V
OSD
Input Offset Voltage
Differential Mode, V
ID =0,VCM =0
1
±4
±6
mV
Input Offset Voltage Average
Temperature Drift
(Note 10)
1.6
µV/˚C
I
BI
Input Bias Current
(Note 9)
0
-8
−16
µA
Input Bias Current Average
Temperature Drift
(Note 10)
9.6
nA/˚C
Input Bias Difference
Difference in Bias Currents Between
the Two Inputs
0.3
µA
CMRR
Common Mode Rejection Ratio
DC, V
CM = 0V, VID = 0V
72
82
dBc
R
IN
Input Resistance
Differential
5
M
C
IN
Input Capacitance
Differential
1
pF
www.national.com
3


Số phần tương tự - LMH6550MAX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6550MAX NSC-LMH6550MAX Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6550MAX TI1-LMH6550MAX Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
LMH6550MAX/NOPB TI1-LMH6550MAX/NOPB Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
logo
National Semiconductor ...
LMH6550MAXNOPB NSC-LMH6550MAXNOPB Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
More results

Mô tả tương tự - LMH6550MAX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com