công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6550 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LMH6550
Giải thích chi tiết về linh kiện  Differential, High Speed Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  LMH6550 Datasheet HTML 1Page - National Semiconductor (TI) LMH6550 Datasheet HTML 2Page - National Semiconductor (TI) LMH6550 Datasheet HTML 3Page - National Semiconductor (TI) LMH6550 Datasheet HTML 4Page - National Semiconductor (TI) LMH6550 Datasheet HTML 5Page - National Semiconductor (TI) LMH6550 Datasheet HTML 6Page - National Semiconductor (TI) LMH6550 Datasheet HTML 7Page - National Semiconductor (TI) LMH6550 Datasheet HTML 8Page - National Semiconductor (TI) LMH6550 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
±5V Electrical Characteristics (Note 2) (Continued)
Single ended in differential out, T
A = 25˚C, AV= +1, VS = ±5V, VCM = 0V, RF =RG = 365
Ω,R
L = 500
Ω; Unless specified.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
CMVR
Input Common Mode Voltage
Range
CMRR > 53 dB
+3.1
−4.6
+3.2
−4.7
V
V
CM Pin Input Characteristics (Common Mode Feedback Amplifier)
V
OSC
Input Offset Voltage
Common Mode, V
ID =0
1
±5
±8
mV
Input Offset Voltage Average
Temperature Drift
(Note 10)
25
µV/˚C
Input Bias Current
(Note 9)
−2
µA
V
CM CMRR
V
ID = 0V, 1V Step on VCM Pin,
Measure V
OD
70
75
dB
Input Resistance
25
k
Common Mode Gain
∆V
O,CM/
∆V
CM
0.995
0.997
1.005
V/V
Output Performance
Output Voltage Swing
Peak to Peak, Differential
7.38
7.18
7.8
V
Output Common Mode Voltage
Range
V
ID =0V,
±3.69
±3.8
V
I
OUT
Linear Output Current
V
OUT =0V
±63
±75
mA
I
SC
Short Circuit Current
Output Shorted to Ground
V
IN = 3V Single Ended (Note 3)
±200
mA
Output Balance Error
∆V
OUT Common Mode /
∆V
OUT
Differential , V
OUT =1VPP
Differential,f=10MHz
−68
dB
Miscellaneous Performance
Enable Voltage Threshold
Pin 7
2.0
V
Disable Voltage Threshold
Pin 7
1.5
V
Enable/Disable Time
10
ns
A
VOL
Open Loop Gain
Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
∆V
S = ±1V
74
90
dB
Supply Current
R
L =
18
20
24
27
mA
Disabled Supply Current
1
1.2
mA
5V Electrical Characteristics (Note 2)
Single ended in differential out, T
A = 25˚C, AV = +1, VS = 5V, VCM = 2.5V, RF =RG = 365
Ω,R
L = 500
Ω; Unless specified.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
SSBW
Small Signal −3 dB Bandwidth
R
L = 500
Ω,V
OUT = 0.5 VPP
350
MHz
LSBW
Large Signal −3 dB Bandwidth
R
L = 500
Ω,V
OUT =2VPP
330
MHz
0.1 dB Bandwidth
60
MHz
Slew Rate
2V Step (Note 6)
1500
V/µs
Rise/Fall Time, 10% to 90%
1V Step
1
ns
Settling Time
1V Step, 0.05%
12
ns
V
CM Pin AC Performance (Common Mode Feedback Amplifier)
Common Mode Small Signal
Bandwidth
185
MHz
Slew Rate
180
V/µs
www.national.com
4


Số phần tương tự - LMH6550

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
logo
National Semiconductor ...
LMH6550MA NSC-LMH6550MA Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550MA NSC-LMH6550MA Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6550MA TI1-LMH6550MA Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
More results

Mô tả tương tự - LMH6550

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com