công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TB62707F bảng dữ liệu(PDF) 6 Page - Marktech Corporate

tên linh kiện TB62707F
Giải thích chi tiết về linh kiện  8 Bit Constant Current LED Driver with Latch Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MARKTECH [Marktech Corporate]
Trang chủ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62707F bảng dữ liệu(HTML) 6 Page - Marktech Corporate

  TB62707F Datasheet HTML 1Page - Marktech Corporate TB62707F Datasheet HTML 2Page - Marktech Corporate TB62707F Datasheet HTML 3Page - Marktech Corporate TB62707F Datasheet HTML 4Page - Marktech Corporate TB62707F Datasheet HTML 5Page - Marktech Corporate TB62707F Datasheet HTML 6Page - Marktech Corporate TB62707F Datasheet HTML 7Page - Marktech Corporate TB62707F Datasheet HTML 8Page - Marktech Corporate TB62707F Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
T
TT
T
TOSHIB
OSHIB
OSHIB
OSHIB
OSHIBA Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
Constant Cur
Constant Cur
Constant Cur
Constant Cur
Constant Currrrrrent Interf
ent Interf
ent Interf
ent Interf
ent Interface Dri
ace Dri
ace Dri
ace Dri
ace Drivvvvver
er
er
er
er
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TB62707F
TB62707F
TB62707F
TB62707F
TB62707F
Switching Characteristics:
DC Characteristic Test Circuit:
AC Characteristic Test Circuit:
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation
Delay Time
("L" to "H")
INn-OUTn
tpLH
VDD = 5.0V
VCE = 0.4V
VIH = VDD
VIL = GND
REXT = 470
IOUT = 40mA
VL = 3.0V
RL = 65
CL = 10.5pF
600
1200
ns
LATCH-OUTn
600
1200
ns
ENABLE-OUTn
600
1200
ns
Propagation
Delay Time
("H" to "L")
INn-OUTn
tpHL
300
1200
ns
LATCH-OUTn
300
1200
ns
ENABLE-OUTn
300
1200
ns
Pulse Width
/ENABLE
tw ENA
2000
3500
ns
/LATCH
tw LAT
25
50
ns
/IN
tw IN
2000
3500
ns
Set-up Time for
Latch
L-H
tsetup LAT
25
50
ns
H-L
25
50
ns
Hold Time for
LATCH & CLOCK
L-H
thold LAT
——
0
15
ns
H-L
0
15
ns
Maximum CLOCK Rise Time
tr
10
µs
Maximum CLOCK Fall Time
tf
10
µs
Output Rise Time
tor
200
1000
1200
ns
Output Fall Time
tof
200
1000
1200
ns
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Số phần tương tự - TB62707F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TB62707F TOSHIBA-TB62707F Datasheet
445Kb / 14P
   8BIT PIPO (Pallalel In , Pallalel Out) CONSTANT CURRENT DRIVERS
TB62707FG TOSHIBA-TB62707FG Datasheet
341Kb / 15P
   8BIT PIPO (Pallalel In , Pallalel Out) CONSTANT CURRENT DRIVERS
More results

Mô tả tương tự - TB62707F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Marktech Corporate
TB62705CP MARKTECH-TB62705CP Datasheet
382Kb / 10P
   8 Bit Constant Current LED Driver with Shift Register and Latch Functions
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com